Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 95 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 95 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 91Page - Analog Devices LTM4686BIVPBF Datasheet HTML 92Page - Analog Devices LTM4686BIVPBF Datasheet HTML 93Page - Analog Devices LTM4686BIVPBF Datasheet HTML 94Page - Analog Devices LTM4686BIVPBF Datasheet HTML 95Page - Analog Devices LTM4686BIVPBF Datasheet HTML 96Page - Analog Devices LTM4686BIVPBF Datasheet HTML 97Page - Analog Devices LTM4686BIVPBF Datasheet HTML 98Page - Analog Devices LTM4686BIVPBF Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
LTM4686B
95
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
In response to the IOUT_OC_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the IOUT bit in the STATUS_WORD
• Sets the IOUT Overcurrent Warning bit in the STATUS_IOUT command, and
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
The IOUT_OC_FAULT_LIMIT is ignored during TON_RISE and TOFF_FALL.
This command has two data bytes and is formatted in Linear_5s_11s format
TEMPERATURE
Power Stage DCR Temperature Calibration
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_TEMP_1_GAIN
0xF8
Sets the slope of the power stage temperature
sensor.
R/W Word
Y
CF
Y
0.995
0x3FAE
MFR_TEMP_1_OFFSET
0xF9
Sets the offset of the power stage temperature
sensor with respect to –273.1°C.
R/W Word
Y
L11
C
Y
0
0x8000
MFR_TEMP_1_GAIN
The MFR_TEMP_1_GAIN command will modify the slope of the power stage temperature sensor to account for non-
idealities in the element and errors associated with the remote sensing of the temperature in the inductor.
This command has two data bytes and is formatted in 16-bit 2’s complement integer. N = 8192 to 32767. The effective
adjustment is N • 2–14. The nominal value is 1.
MFR_TEMP_1_OFFSET
The MFR_TEMP_1_OFFSET command will modify the offset of the power stage temperature sensor to account for
non-idealities in the element and errors associated with the remote sensing of the temperature in the inductor.
This command has two data bytes and is formatted in Linear_5s_11s format. The part starts the calculation with a
value of –273.15 so the default adjustment value is zero.
Power Stage Temperature Limits
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
OT_FAULT_LIMIT
0x4F
Power stage overtemperature fault limit.
R/W Word
Y
L11
C
Y
128
0xF200
OT_WARN_LIMIT
0x51
Power stage overtemperature warning limit.
R/W Word
Y
L11
C
Y
125
0xEBE8
UT_FAULT_LIMIT
0x53
Power stage undertemperature fault limit.
R/W Word
Y
L11
C
Y
–45
0xE530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com