Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 59 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 59 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 55Page - Analog Devices LTM4686BIVPBF Datasheet HTML 56Page - Analog Devices LTM4686BIVPBF Datasheet HTML 57Page - Analog Devices LTM4686BIVPBF Datasheet HTML 58Page - Analog Devices LTM4686BIVPBF Datasheet HTML 59Page - Analog Devices LTM4686BIVPBF Datasheet HTML 60Page - Analog Devices LTM4686BIVPBF Datasheet HTML 61Page - Analog Devices LTM4686BIVPBF Datasheet HTML 62Page - Analog Devices LTM4686BIVPBF Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
Table 10. 3-Pin Headers, 2mm Pin-to-Pin Spacing, Gold Flash or Plating, Compatible with DC2086 Cables
MOUNTING
STYLE
INSERTION
ANGLE
INTERFACE STYLE
VENDOR PART NUMBER
PINOUT STYLE (SEE Table 12)
Surface Mount
Vertical
Shrouded and Keyed Header
Hirose
DF3DZ-3P-2V(51)
DF3DZ-3P-2V(50)
DF3Z-3P-2V(50)
Type A
Non Shrouded, Non-Keyed Header
3M
951103-2530-AR-PR Type A and B Supported. Reversible/Not Keyed
Right Angle
Shrouded and Keyed Header
Hirose
DF3DZ-3P-2H(51)
DF3DZ-3P-2H(50)
Type A
Non Shrouded. Cable-to-Header/PCB
Mechanics Yield Keying Effect
FCI
10112684-G03-03LF
Type B. Keying Achieved by PCB Surface
Through-Hole
Vertical
Shrouded and Keyed Header
Hirose
DF3-3P-2DSA(01)
Type A
Non Shrouded, Non-Keyed Header
Harwin M22-2010305
Type A and B Supported. Reversible/Not Keyed
Samtec TMM-103-01-LS
Sullins NRPN031PAEN-RC
Right Angle
Shrouded and Keyed Header
Hirose
DF3-3P-2DS(01)
Type A
Non Shrouded. Cable-to-Header/PCB
Mechanics Yield Keying Effect
Norcomp 27630302RP2
Type B. Keying Achieved by Intentional PCB
Interference
Harwin M22-2030305
Samtec TMM-103-01-L-S-RA
Table 11. Recommended 4-Pin Header Pinout (Pin Numbering Scheme Adheres to Hirose Conventions). Interfaces to DC2086 Cables
PIN NUMBER
PINOUT STYLE “A”
(SEE TABLE 9)
PINOUT STYLE “B”
(SEE TABLE 9)
1
SDA
Isolated 3.3V/3.4V
2
GND
SCL
3
SCL
GND
4
Isolated 3.3V/3.4V
SDA
Table 12. Recommended 3-Pin Header Pinout (Pin Numbering Scheme Adheres to Hirose Conventions). Interfaces to DC2086 Cables
PIN NUMBER
PINOUT STYLE “A”
(SEE TABLE 10)
PINOUT STYLE “B”
(SEE TABLE 10)
1
SDA
SCL
2
GND
GND
3
SCL
SDA
Table 13. 4-Pin Male-to-Male Shrouded and Keyed Adapter (Optional; Eases Creation of Adapter Cables, if Deviating from
Recommended Connectors/Connector Pinouts); Interfaces to DC2086 Cables
VENDOR
PART NUMBER
WEBSITE
Hirose
DF3-4EP-2A
www.hirose.com, www.hirose.co.jp
LTM4686B
59
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com