Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 36 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 36 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 32Page - Analog Devices LTM4686BIVPBF Datasheet HTML 33Page - Analog Devices LTM4686BIVPBF Datasheet HTML 34Page - Analog Devices LTM4686BIVPBF Datasheet HTML 35Page - Analog Devices LTM4686BIVPBF Datasheet HTML 36Page - Analog Devices LTM4686BIVPBF Datasheet HTML 37Page - Analog Devices LTM4686BIVPBF Datasheet HTML 38Page - Analog Devices LTM4686BIVPBF Datasheet HTML 39Page - Analog Devices LTM4686BIVPBF Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 130 page
background image
LTM4686B
36
Rev. 0
For more information www.analog.com
OPERATION
Peak Output Overcurrent Fault Response
Due to the current mode control algorithm, peak inductor
current is always limited on a cycle by cycle basis. The
value of the peak current limit is specified in the Electrical
Characteristics table. The current limit circuit operates by
limiting the COMPna maximum voltage. DCR sensing is
used so the COMPna maximum voltage has a temperature
dependency directly proportional to the TC of the DCR
of the inductor. The LTM4686B automatically monitors
the power stage temperature sensors and modifies the
maximum allowed COMPna to compensate for this term.
The overcurrent fault processing circuitry can execute the
following behaviors:
n
Current Limit Indefinitely
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely using the
Time Interval Specified in MFR_RETRY_DELAYn
The overcurrent responses can be deglitched in incre-
ments of (0 to 7) • 16ms. See Table 26.
RESPONSES TO TIMING FAULTS
TON_MAX_FAULT_LIMITn is the time allowed for VOUT to
rise and settle at start-up. The TON_MAX_FAULT_LIMITn
condition is predicated upon detection of the VOUT_UV_
FAULT_LIMITn as the output is undergoing a SOFT_START
sequence. The TON_MAX_FAULT_LIMITn time is started
after TON_DELAYn has been reached and a SOFT_START
sequence is started. The resolution of the TON_MAX_
FAULT_LIMITn is 10µs. If the VOUT_UV_FAULT_LIMITn
is not reached within the TON_MAX_FAULT_LIMITn time,
the response of this fault is determined by the value of
the TON_MAX_FAULT_RESPONSEn command value.
This response may be one of the following:
n
Ignore
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely using the
Time Interval Specified in MFR_RETRY_DELAYn
This fault response is not deglitched. A value of 0 in
TON_MAX_FAULT_LIMITn means the fault is ignored.
The TON_MAX_FAULT_LIMITn should be set longer than
the TON_RISEn time. It is recommended TON_MAX_
FAULT_LIMITn always be set to a non-zero value, oth-
erwise the output may never come up and no flag will be
set to the user.
See Table 28.
RESPONSES TO SVIN OV FAULTS
SVIN overvoltage is measured with the ADC; therefore,
the response is naturally deglitched by up to the 90ms
typical response time of the ADC. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely using the
Time Interval Specified in MFR_RETRY_DELAYn
See Table 28.
RESPONSES TO OT/UT FAULTS
Internal Overtemperature Fault/Warn Response
An internal temperature sensor protects against EEPROM
damage. Above 85°C, no writes to EEPROM are recom-
mended. Above 130°C, the internal over temperature warn
threshold is exceeded and the part disables EEPROM
writes and does not re-enable until the temperature has
dropped to 125°C. When the die temperature exceed
160°C the internal over temperature fault response is
enabled and the PWM is disabled until the die temperature
drops below 150°C. Temperature is measured by the ADC.
Internal temperature faults cannot be ignored. Internal
temperature limits cannot be adjusted by the user.
See Table 27.
External Overtemperature and Undertemperature
Fault Response
Two temperature sensors within the LTM4686B are used
to sense power stage temperature. The OT_FAULT_
RESPONSEn and UT_FAULT_RESPONSEn commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com