Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 83 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 83 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 79Page - Analog Devices LTM4686BIVPBF Datasheet HTML 80Page - Analog Devices LTM4686BIVPBF Datasheet HTML 81Page - Analog Devices LTM4686BIVPBF Datasheet HTML 82Page - Analog Devices LTM4686BIVPBF Datasheet HTML 83Page - Analog Devices LTM4686BIVPBF Datasheet HTML 84Page - Analog Devices LTM4686BIVPBF Datasheet HTML 85Page - Analog Devices LTM4686BIVPBF Datasheet HTML 86Page - Analog Devices LTM4686BIVPBF Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
LTM4686B
83
Rev. 0
For more information www.analog.com
PAGE_PLUS_READ
The PAGE_PLUS_READ command provides the ability to set the page within a device, send a command and then read
the data returned by the command, all in one communication packet .
The value stored in the PAGE command is not affected by PAGE_PLUS_READ. If PAGE_PLUS_READ is used to access
data from a non-paged command, the Page Number byte is ignored.
This command uses Block Write – Block Read Process Call protocol. An example of the PAGE_PLUS_READ command
with PEC is shown in Figure 57.
NOTE: PAGE_PLUS commands cannot be nested. A PAGE_PLUS command cannot be used to read or write another
PAGE_PLUS command. If this is attempted, the LTM4686B will NACK the entire PAGE_PLUS packet and issue a CML
fault for Invalid/Unsupported Data.
WRITE_PROTECT
The WRITE_PROTECT command is used to control writing to the LTM4686B device. This command does not indicate
the status of the WP pin which is defined in the MFR_COMMON command. The WP pin takes precedence over the
value of this command unless the WRITE_PROTECT command is more stringent.
BYTE MEANING
0x80 Disable all writes except to the WRITE_PROTECT, PAGE, MFR_
EE_UNLOCK and STORE_USER_ALL command
0x40 Disable all writes except to the WRITE_PROTECT, PAGE,
MFR_EE_UNLOCK, MFR_CLEAR_PEAKS, STORE_USER_ALL,
OPERATION and CLEAR_FAULTS command. individual fault
bits can be cleared by writing a 1 to the respective bits in the
STATUS registers.
0x20 Disable all writes except to the WRITE_PROTECT, OPERATION,
MFR_EE_UNLOCK, MFR_CLEAR_PEAKS, CLEAR_FAULTS,
PAGE, ON_OFF_CONFIG, VOUT_COMMAND and STORE_USER_
ALL. Individual fault bits can be cleared by writing a 1 to the
respective bits in the STATUS registers.
0x10 Reserved, must be 0
0x08 Reserved, must be 0
0x04 Reserved, must be 0
0x02 Reserved, must be 0
0x01 Reserved, must be 0
Enable writes to all commands when WRITE_PROTECT is set to 0x00.
This command has one data byte.
APPENDIX C: PMBUS COMMAND DETAILS
Figure 57. Example of PAGE_PLUS_READ
P
1
SLAVE
ADDRESS
PAGE_PLUS
COMMAND CODE
BLOCK COUNT
(= 2)
W A
A
S
7
8
8
1
PAGE
NUMBER
8
1
1 1
1
1
A
A
COMMAND
CODE
8
1
A
SLAVE
ADDRESS
BLOCK COUNT
(= 2)
LOWER DATA
BYTE
R A
A
Sr
7
8
8
1
UPPER DATA
BYTE
8
1
1 1
1
1
A
A
PEC BYTE
8
1
NA
4686B F57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com