Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 54 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 54 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 50Page - Analog Devices LTM4686BIVPBF Datasheet HTML 51Page - Analog Devices LTM4686BIVPBF Datasheet HTML 52Page - Analog Devices LTM4686BIVPBF Datasheet HTML 53Page - Analog Devices LTM4686BIVPBF Datasheet HTML 54Page - Analog Devices LTM4686BIVPBF Datasheet HTML 55Page - Analog Devices LTM4686BIVPBF Datasheet HTML 56Page - Analog Devices LTM4686BIVPBF Datasheet HTML 57Page - Analog Devices LTM4686BIVPBF Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 130 page
background image
LTM4686B
54
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
be asserted low, indicating that NVM has not initialized.
If this condition is detected, the part will only respond to
addresses 0x5A and 0x5B. To initialize the part issue the
following set of commands: global address 0x5B com-
mand 0xBD data 0x2B followed by global address 0x5B
command 0xBD and data 0xC4. The part will now respond
to the correct address. Configure the part as desired
then issue a STORE_USER_ALL. When SVIN is applied a
MFR_RESET or RESTORE_USER_ALL, command must
be issued to allow the PWM to be enabled and valid ADC
conversions to be read.
FAULT DETECTION AND HANDLING
The LTM4686B GPIOn pins are configurable to indi-
cate a variety of faults including OV/UV, OC, OT, timing
faults, peak overcurrent faults. In addition the GPIOn pins
can be pulled low by external sources to indicate to the
LTM4686B the presence of a fault in some other portion of
the system. The fault response is configurable via PMBus
Command Code names with a _RESPONSE suffix and
allows the following options:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAYn
Refer to Appendix C and the PMBus specification for more
details.
The OV response is automatic and rapid. If an OV is
detected, MTn is turned off and BGn is turned on, until
the OV condition clears.
Fault logging is available on the LTM4686B. The fault log-
ging is configurable to automatically store data when a
fault occurs that causes the unit to fault off. The header
portion of the fault logging table contains peak values. It
is possible to read these values at any time. This data will
be useful while troubleshooting the fault.
If the LTM4686B internal temperature is in excess of 85°C
or below 0°C, the write into the NVM is not recommended.
The data will still be held in RAM, unless the 3.3V supply
UVLO threshold is reached. If the die temperature exceeds
130°C all NVM communication is disabled until the die
temperature drops below 125°C, with the exception of
the RESTORE_USER_ALL command, which is valid at
any temperature.
OPEN-DRAIN PINS
Note that up to nine pull-up resistors are required for
proper operation of the LTM4686B:
• Three for the SMBus/I2C interface (the SCL, SDA, and
ALERT pins); two, only if the system SMBus host does
not make use of the ALERT interrupt. (These are 5V
tolerant).
• One each for the RUN0 and RUN1 pins (or, just one to
RUN0 and RUN1, if RUN0 and RUN1 are electrically
connected together). (These are 5V tolerant).
• One each for GPIO0 and GPIO1 (or, just one to GPIO0
and GPIO1, if GPIO0 and GPIO1 are electrically con-
nected together). (These are 3.3V tolerant).
• One on SHARE_CLK, required, for the LTM4686B to
establish a heartbeat time base for timing-related oper-
ations and functions (output voltage ramp-up timing,
voltage margining transition timing, SYNC open-drain
drive frequency). (SHARE CLK is 3.3V tolerant).
• One on SYNC, in order for the LTM4686B to phase lock
to the frequency generated by the open-drain output
of its digital engine. EXCEPTION: in some applications,
it is desirable to drive the LTM4686B’s SYNC pin with
a hard-driven (low impedance) external clock. This
is the only scenario where the LTM4686B does not
require a pull-up resistor on SYNC. However, be aware
that the SYNC pin can be low impedance during NVM
initialization, i.e., during download of EEPROM con-
tents to RAM (for ~50ms [Note 12] after SVIN power is
applied). Therefore, the hard-driven clock signal should
only be applied to the LTM4686B SYNC pin through a
series resistor whose impedance limits current into
the SYNC pin during NVM initialization to less than
10mA. If FREQUENCY_SWITCH = 0x0000, any clock
signal should be provided prior to the RUNn pins toggle
from logic low to logic high, or else the switching fre-
quency of the LTM4686B will start off at the low end
of its PLL-capture range until the SYNC clock becomes
established. (SYNC is 3.3V tolerant).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com