Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 56 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 56 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 52Page - Analog Devices LTM4686BIVPBF Datasheet HTML 53Page - Analog Devices LTM4686BIVPBF Datasheet HTML 54Page - Analog Devices LTM4686BIVPBF Datasheet HTML 55Page - Analog Devices LTM4686BIVPBF Datasheet HTML 56Page - Analog Devices LTM4686BIVPBF Datasheet HTML 57Page - Analog Devices LTM4686BIVPBF Datasheet HTML 58Page - Analog Devices LTM4686BIVPBF Datasheet HTML 59Page - Analog Devices LTM4686BIVPBF Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 130 page
background image
LTM4686B
56
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
pin is shared between LTM4686Bs, only one LTM4686B
can be programmed with a frequency output. All the other
LTM4686Bs must be configured for external clock (MFR_
CONFIG_ALL[4] = 1b, and/or see Table 4).
RCONFIG PIN-STRAPS (EXTERNAL RESISTOR
CONFIGURATION PINS)
The LTM4686B default NVM is programmed to respect
the RCONFIG pins. If a user wishes the output voltage,
PWM frequency and phasing and the address to be set
without programming the part or purchasing specially
programmed parts, the RCONFIG pins can be used to
establish these parameters—provided MFR_CONFIG_
ALL[6] = 0b. The RCONFIG pins only require a resistor
terminating to SGND of the LTM4686B. The RCONFIG
pins are only monitored at initial power up and during a
reset (MFR_RESET or RESTORE_USER_ALL) so modi-
fying their values perhaps using a DAC after the part is
powered will have no effect. To assure proper operation,
the value of RCONFIG resistors applied to the LTM4686B
pin-strapping pins must not deviate more than ±3%
away from the target nominal values indicated in lookup
Table 2 to Table 5, over the lifetime of the product. Thin
film, 1% tolerance (or better), ±50ppm/°C-T.C.R. rated
(or better) resistors from vendors such as KOA Speer,
Panasonic, Vishay and Yageo are good candidates. Noisy
clock signals should not be routed near these pins.
Note that bits [3:0] of MFR_ADDRESS are dictated by
the ASEL pin-strap resistor regardless of the setting of
MFR_CONFIG_ALL[6].
VOLTAGE SELECTION
When an output voltage is set using the RCONFIG pins on
VOUTn_CFG and VTRIMn_CFG (MFR_CONFIG_ALL[6] =
0b), the following parameters are set as a percentage of
the output voltage:
• VOUT_OV_FAULT_LIMIT
+10%
• VOUT_OV_WARN
+7.5%
• VOUT_MAX
+7.5%
• VOUT_MARGIN_HI
+5%
• VOUT_MARGIN_LO
–5%
• VOUT_UV_WARN
–6.5%
• VOUT_UV_FAULT_LIMIT
–7%
CONNECTING THE USB TO THE I2C/SMBus/PMBus
CONTROLLER TO THE LTM4686B IN SYSTEM
The ADI USB to I2C/SMBus/PMBus controller can be
interfaced to the LTM4686B on the user’s board for pro-
gramming, telemetry and system debug. The controller,
when used in conjunction with LTpowerPlay, provides a
powerful way to debug an entire power system. Faults are
quickly diagnosed using telemetry, fault status registers
and the fault log. The final configuration can be quickly
developed and stored to the LTM4686B EEPROM.
Figure 4 and Figure 5 illustrate the application schemat-
ics for powering, programming and communicating with
one or more LTM4686Bs via the ADI I2C/SMBus/PMBus
controller regardless of whether or not system power is
present. If system power is not present the dongle will
power the LTM4686B through the VDD33 supply pin. To
initialize the part when SVIN is not applied and the VDD33
pin is powered use global address 0x5B command 0xBD
data 0x2B followed by address 0x5B command 0xBD
data 0xC4. The part can now be communicated with, and
the project file updated. To write the updated project file
to the NVM issue a STORE_USER_ALL command. When
SVIN is applied, a MFR_RESET or RESTORE_USER_ALL
must be issued to allow the PWM to be enabled and valid
ADCs to be read.
Because of the controllers limited current sourcing capa-
bility, only the LTM4686Bs, their associated pull-up resis-
tors and the I2C pull-up resistors should be powered from
the ORed 3.3V/3.4V supply. In addition, any device shar-
ing the I2C bus connections with the LTM4686B must
not have body diodes between the SDA/SCL pins and
their respective VDD node because this will interfere with
bus communication in the absence of system power. In
Figure 4, the dongle will not bias the LTM4686Bs when
SVIN is present. It is recommended the RUNn pins be held
low to avoid providing power to the load until the part is
fully configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com