Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 63Page - Analog Devices LTM4686BIVPBF Datasheet HTML 64Page - Analog Devices LTM4686BIVPBF Datasheet HTML 65Page - Analog Devices LTM4686BIVPBF Datasheet HTML 66Page - Analog Devices LTM4686BIVPBF Datasheet HTML 67Page - Analog Devices LTM4686BIVPBF Datasheet HTML 68Page - Analog Devices LTM4686BIVPBF Datasheet HTML 69Page - Analog Devices LTM4686BIVPBF Datasheet HTML 70Page - Analog Devices LTM4686BIVPBF Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
Table 15. 0.6V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 14, Figure 15
3.3, 5
Figure 10
0
None
8.5
Figure 14, Figure 15
3.3, 5
Figure 10
200
None
7.3
Figure 14, Figure 15
3.3, 5
Figure 10
400
None
6.7
Figure 16, Figure 17
3.3, 5
Figure 10
0
BGA Heat Sink
8.0
Figure 16, Figure 17
3.3, 5
Figure 10
200
BGA Heat Sink
6.7
Figure 16, Figure 17
3.3, 5
Figure 10
400
BGA Heat Sink
6.3
Table 16. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 18, Figure 19
3.3, 5
Figure 11
0
None
8.4
Figure 18, Figure 19
3.3, 5
Figure 11
200
None
7.1
Figure 18, Figure 19
3.3, 5
Figure 11
400
None
6.4
Figure 20, Figure 21
3.3, 5
Figure 11
0
BGA Heat Sink
8.0
Figure 20, Figure 21
3.3, 5
Figure 11
200
BGA Heat Sink
6.4
Figure 20, Figure 21
3.3, 5
Figure 11
400
BGA Heat Sink
5.9
Table 17. 1.8V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 22, Figure 23
3.3, 5
Figure 12
0
None
8.7
Figure 22, Figure 23
3.3, 5
Figure 12
200
None
7.0
Figure 22, Figure 23
3.3, 5
Figure 12
400
None
6.2
Figure 24, Figure 25
3.3, 5
Figure 12
0
BGA Heat Sink
8.3
Figure 24, Figure 25
3.3, 5
Figure 12
200
BGA Heat Sink
6.2
Figure 24, Figure 25
3.3, 5
Figure 12
400
BGA Heat Sink
5.6
Table 18. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 26
5
Figure 13
0
None
10.1
Figure 26
5
Figure 13
200
None
8.1
Figure 26
5
Figure 13
400
None
7.4
Figure 27
5
Figure 13
0
BGA Heat Sink
9.8
Figure 27
5
Figure 13
200
BGA Heat Sink
6.9
Figure 27
5
Figure 13
400
BGA Heat Sink
6.0
Table 19. Heat Sink and Thermally Conductive Adhesive Tape Part Numbers
MANUFACTURER
PART NUMBER
WEBSITE
Cool Innovations
3-0504035UT411
www.coolinnovations.com
Chomerics
T411
www.chomerics.com
LTM4686B
67
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com