Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 75 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 75 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 71Page - Analog Devices LTM4686BIVPBF Datasheet HTML 72Page - Analog Devices LTM4686BIVPBF Datasheet HTML 73Page - Analog Devices LTM4686BIVPBF Datasheet HTML 74Page - Analog Devices LTM4686BIVPBF Datasheet HTML 75Page - Analog Devices LTM4686BIVPBF Datasheet HTML 76Page - Analog Devices LTM4686BIVPBF Datasheet HTML 77Page - Analog Devices LTM4686BIVPBF Datasheet HTML 78Page - Analog Devices LTM4686BIVPBF Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
LTM4686B
75
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
LTM4686B Paralleled with 3× LTM4650 (Up to 174A Output)
Figure 34. Current Sharing Performance of Figure 33 Circuit at 5VIN
CINH
22µF
×3
CINL
220µF
10k
×8
VIN
4.5V TO 5.75V
PWM CLOCK SYNCH.
TIME BASE SYNCH.
• SLAVE ADDRESS = 1000101_R/W (0x45)
• 1MHz SWITCHING FREQUENCY
• NO GUI CONFIGURATION AND NO
PART-SPECIFIC PROGRAMMING REQUIRED.
IN MULTI-MODULE SYSTEMS, CONFIGURING
RAIL_ADDRESS IS RECOMMENDED.
• SETTING MFR_PWM_CONFIG[7] = 1b,
CONFIGURES THE VOUT1 CONTROL LOOP
TO USE THE VOSNS0+/VOSNS0– DIFFERENTIAL-
SENSE PIN-PAIR AS THE FEEDBACK SIGNAL
FOR REGULATING VOUT1.
COUT
100µF
×10
VOUT, 3.3V
ADJUSTABLE
UP TO 28A (34A PEAK)
VIN0
VIN1
SVIN
VDD33
LOAD
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
4.22k
1%
±50ppm/°C
U1
LTM4686B
4686B F35
+
SMBus INTERFACE WITH
PMBus COMMAND SET
ON/OFF CONTROL, FAULT
MANAGEMENT, POWER
SEQUENCING
11.3k
1%
±50ppm/°C
VOUT0
TSNS0
VORB0+
VOSNS0+
VOSNS0–
VORB0–
VORB1
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
Figure 35. 28A, 3.3V Output DC/DC µModule Regulator with Serial Interface
U1-LTM4686B-IOUT0
U1-LTM4686B-IOUT1
U2-LTM4650-IOUT1
U2-LTM4650-IOUT2
U3-LTM4650-IOUT1
U3-LTM4650-IOUT2
U4-LTM4650-IOUT1
U4-LTM4650-IOUT2
TOTAL OUTPUT CURRENT (A)
0
25
50
75
100 125 150 175
–3
0
3
6
9
12
15
18
21
24
27
30
4686B F34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com