Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 61 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 61 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 57Page - Analog Devices LTM4686BIVPBF Datasheet HTML 58Page - Analog Devices LTM4686BIVPBF Datasheet HTML 59Page - Analog Devices LTM4686BIVPBF Datasheet HTML 60Page - Analog Devices LTM4686BIVPBF Datasheet HTML 61Page - Analog Devices LTM4686BIVPBF Datasheet HTML 62Page - Analog Devices LTM4686BIVPBF Datasheet HTML 63Page - Analog Devices LTM4686BIVPBF Datasheet HTML 64Page - Analog Devices LTM4686BIVPBF Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
LTM4686B
61
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
PMBus COMMUNICATION AND COMMAND
PROCESSING
The LTM4686B has one deep buffer to hold the last data
written for each supported command prior to processing
as shown in Figure 7; Write Command Data Processing.
When the part receives a new command from the bus,
it copies the data into the Write Command Data Buffer,
indicates to the internal processor that this command data
needs to be fetched, and converts the command to its
internal format so that it can be executed.
DECODER
CMD
INTERNAL
PROCESSOR
WRITE COMMAND
DATA BUFFER
PAGE
CMDS
0x00
0x21
0xFD
4686B F07
x1
MFR_RESET
VOUT_COMMAND
S
CALCULATIONS
PENDING
PMBus
WRITE
R
FETCH,
CONVERT
DATA
AND
EXECUTE
DATA
MUX
Figure 7. Write Command Data Processing
Two distinct parallel blocks manage command buffering
and command processing (fetch, convert, and execute) to
ensure the last data written to any command is never lost.
Command data buffering handles incoming PMBus writes
by storing the command data to the Write Command Data
Buffer and marking these commands for future process-
ing. The internal processor runs in parallel and handles
the sometimes slower task of fetching, converting and
executing commands marked for processing.
Some computationally intensive commands (e.g., timing
parameters, temperatures, voltages and currents) have
internal processor execution times that may be long
relative to PMBus timing. If the part is busy process-
ing a command, and new command(s) arrive, execution
may be delayed or processed in a different order than
received. The part indicates when internal calculations
are in process via bit 5 of MFR_COMMON (‘calculations
not pending’). When the part is busy calculating, bit 5 is
cleared. When this bit is set, the part is ready for another
command. An example polling loop is provided in Figure 7
which ensures that commands are processed in order
while simplifying error handling routines.
When the part receives a new command while it is busy,
it will communicate this condition using standard PMBus
protocol. Depending on part configuration it may either
NACK the command or return all ones (0xFF) for reads.
It may also generate a BUSY fault and ALERT notifica-
tion, or stretch the SCL clock low. For more information
refer to PMBus Specification v1.2, Part II, Section 10.8.7
and SMBus v2.0 section 4.3.3. Clock stretching can be
enabled by asserting bit 1 of MFR_CONFIG_ALL. Clock
stretching will only occur if enabled and the bus com-
munication speed exceeds 100kHz.
PMBus busy protocols are well accepted standards, but
can make writing system level software somewhat com-
plex. The part provides three ‘hand shaking’ status bits
which reduce complexity while enabling robust system
level communication.
The three hand shaking status bits are in the MFR_
COMMON register. When the part is busy executing an
internal operation, it will clear bit 6 of MFR_COMMON
(‘module not busy’). When the part is busy specifically
because it is in a transitional VOUT state (margining hi/lo,
power off/on, moving to a new output voltage set point,
etc.) it will clear bit 4 of MFR_COMMON (‘output not in
transition’). When internal calculations are in process, the
part will clear bit 5 of MFR_COMMON (‘calculations not
pending’). These three status bits can be polled with a
PMBus read byte of the MFR_COMMON register until all
three bits are set. A command immediately following the
status bits being set will be accepted without NACKing or
generating a BUSY fault/ALERT notification. The part can
NACK commands for other reasons, however, as required
by the PMBus spec (for instance, an invalid command or
data). An example of a robust command write algorithm
for the VOUT_COMMANDn register is provided in Figure 8.
Figure 8. Example of a Command Write of VOUT_COMMAND
// wait until bits 6, 5, and 4 of MFR_COMMON are all set
do
{
mfrCommonValue = PMBUS_READ_BYTE(0xEF);
partReady = (mfrCommonValue & 0x68) == 0x68;
}while (!partReady)
// now the part is ready to receive the next command
PMBUS_WRITE_WORD(0x21, 0x2000); //write VOUT_COMMAND to 2V
4686B F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com