Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 89 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 89 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 85Page - Analog Devices LTM4686BIVPBF Datasheet HTML 86Page - Analog Devices LTM4686BIVPBF Datasheet HTML 87Page - Analog Devices LTM4686BIVPBF Datasheet HTML 88Page - Analog Devices LTM4686BIVPBF Datasheet HTML 89Page - Analog Devices LTM4686BIVPBF Datasheet HTML 90Page - Analog Devices LTM4686BIVPBF Datasheet HTML 91Page - Analog Devices LTM4686BIVPBF Datasheet HTML 92Page - Analog Devices LTM4686BIVPBF Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 130 page
background image
LTM4686B
89
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
The part must be in the OFF state to process this command. Either the RUN pins must be low or the part must be
commanded off. If the part is in the RUN state and this command is written, the command will be ignored and a BUSY
fault will be asserted. When the part is commanded off and the frequency is changed, a PLL_UNLOCK status may be
detected as the PLL locks onto the new frequency.
This command has two data bytes and is formatted in Linear_5s_11s format.
VOLTAGE
Input Voltage (SVIN) and Limits
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT VALUE
VIN_OV_FAULT_ LIMIT
0x55 Input supply (SVIN) overvoltage fault limit.
R/W
Word
N
L11
V
Y
6.000
0xCB00
VIN_UV_WARN_LIMIT
0x58 Input supply (SVIN) undervoltage warning
limit.
R/W
Word
N
L11
V
Y
4.094 (0xCA0C)
VIN_ON
0x35 Input voltage (SVIN) at which the unit
should start power conversion.
R/W
Word
N
L11
V
Y
4.250 (0xCA20)
VIN_OFF
0x36 Input voltage (SVIN) at which the unit
should stop power conversion.
R/W
Word
N
L11
V
Y
4.000 (0xCA00)
VIN_OV_FAULT_LIMIT
The VIN_OV_FAULT_LIMIT command sets the value of the measured (SVIN) input voltage, in volts, that causes an
input overvoltage fault. The fault is detected with the A/D converter resulting in latency up to 90ms, typical.
This command has two data bytes and is formatted in Linear_5s_11s format.
VIN_UV_WARN_LIMIT
The VIN_UV_WARN_LIMIT command sets the value of the SVIN input voltage that causes an SVIN input undervoltage
warning. The warning is detected with the A/D converter resulting in latency up to 90ms, typical.
This command has two data bytes and is formatted in Linear_5s_11s format.
VIN_ON
The VIN_ON command sets the SVIN input voltage, in volts, at which the unit should start power conversion.
This command has two data bytes and is formatted in Linear_5s_11s format.
VIN_OFF
The VIN_OFF command sets the SVIN input voltage, in volts, at which the unit should stop power conversion.
This command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com