Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 45 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 45 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 41Page - Analog Devices LTM4686BIVPBF Datasheet HTML 42Page - Analog Devices LTM4686BIVPBF Datasheet HTML 43Page - Analog Devices LTM4686BIVPBF Datasheet HTML 44Page - Analog Devices LTM4686BIVPBF Datasheet HTML 45Page - Analog Devices LTM4686BIVPBF Datasheet HTML 46Page - Analog Devices LTM4686BIVPBF Datasheet HTML 47Page - Analog Devices LTM4686BIVPBF Datasheet HTML 48Page - Analog Devices LTM4686BIVPBF Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
Table 3. VTRIMnCFG Pin Strapping Look-Up Table for the
LTM4686B’s Output Voltage, Fine Adjustment Setting (Not
Applicable if MFR_CONFIG_ALL[6] = 1b)
RVTRIMnCFG*
(kΩ)
VTRIM (mV) FINE
ADJUSTMENT TO
VOUTn SETTING
WHEN RVOUTnCFG
≠ 32.4kΩ
VOUT_–
COMMANDn
SETTING
(V) WHEN
RVOUTnCFG =
32.4kΩ
MFR_PWM_
MODEn[1] BIT
Open
0
NVM
0, if VOUT_OV_
FAULT_LIMITn
> 2.75V
1, if VOUT_OV_
FAULT_LIMITn
≤ 2.75V
32.4
99
22.6
86.625
18.0
74.25
15.4
61.875
12.7
49.5
10.7
37.125
Do Not Use
0
9.09
24.75
Do Not Use
0
7.68
12.375
Do Not Use
0
6.34
–12.375
Do Not Use
0
5.23
–24.75
Do Not Use
0
4.22
–37.125
Do Not Use
0
3.24
–49.5
Do Not Use
0
2.43
–61.875
Do Not Use
0
1.65
–74.25
Do Not Use
0
0.787
–86.625
3.50
0
0
–99
3.46
0
*RVTRIMnCFG value indicated is nominal. Select RVTRIMnCFG from a resistor
vendor such that its value is always within 3% of the value indicated in
the table. Take into account resistor initial tolerance, T.C.R. and resistor
operating temperatures, soldering heat/IR reflow, and endurance of the
resistor over its lifetime. Thermal shock/cycling, moisture (humidity) and
other effects (depending on one’s specific application) could also affect
RVTRIMnCFG’s value over time. All such effects must be taken into account
in order for resistor pin strapping to yield the expected result at every
SVIN power-up and/or every execution of MFR_RESET or RESTORE_
USER_ALL, over the lifetime of one’s product.
LTM4686B
45
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2. VOUTnCFG Pin Strapping Look-Up Table for the
LTM4686B’s Output Voltage, Coarse Setting (Not Applicable if
MFR_CONFIG_ALL[6] = 1b)
RVOUTn CFG*
(kΩ)
VOUTn (V) SETTING
COARSE
MFR_PWM_MODEn[1] BIT
Open
NVM
NVM
32.4
See Table 3
See Table 3
22.6
3.3
0
18.0
3.1
0
15.4
2.9
0
12.7
2.7
0
10.7
2.5
0, if VTRIMn > 0mV
1, if VTRIMn ≤ 0mV
9.09
2.3
1
7.68
2.1
1
6.34
1.9
1
5.23
1.7
1
4.22
1.5
1
3.24
1.3
1
2.43
1.1
1
1.65
0.9
1
0.787
0.7
1
0
0.5
1
*RVOUTnCFG value indicated is nominal. Select RVOUTnCFG from a resistor
vendor such that its value is always within 3% of the value indicated in
the table. Take into account resistor initial tolerance, T.C.R. and resistor
operating temperatures, soldering heat/IR reflow, and endurance of the
resistor over its lifetime. Thermal shock/cycling, moisture (humidity) and
other effects (depending on one’s specific application) could also affect
RVOUTnCFG’s value over time. All such effects must be taken into account
in order for resistor pin strapping to yield the expected result at every
SVIN power-up and/or every execution of MFR_RESET or RESTORE_
USER_ALL, over the lifetime of one’s product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com