Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 85 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 85 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 81Page - Analog Devices LTM4686BIVPBF Datasheet HTML 82Page - Analog Devices LTM4686BIVPBF Datasheet HTML 83Page - Analog Devices LTM4686BIVPBF Datasheet HTML 84Page - Analog Devices LTM4686BIVPBF Datasheet HTML 85Page - Analog Devices LTM4686BIVPBF Datasheet HTML 86Page - Analog Devices LTM4686BIVPBF Datasheet HTML 87Page - Analog Devices LTM4686BIVPBF Datasheet HTML 88Page - Analog Devices LTM4686BIVPBF Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
LTM4686B
85
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_CONFIG_ALL
General purpose configuration command common to multiple ADI products
BIT
MEANING
7
Enable Fault Logging
6
Ignore Resistor Configuration Pins
5
Disable CML fault for Quick Command message
4
Disable SYNC out
3
Enable 255ms Time Out
2
A valid PEC required for PMBus writes to be accepted. If this bit is not set,
the part will accept commands with invalid PEC.
1
Enable the use of PMBus clock stretching
0
Enables a low to high transition on either RUN pin to issue a
CLEAR_FAULTS command
This command has one data byte.
ON/OFF/MARGIN
COMMAND NAME
CMD
CODE
DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
ON_OFF_CONFIG
0x02
RUN pin and PMBus bus on/off command configuration.
R/W Byte
Y
Reg
Y
0x1F
OPERATION
0x01
Operating mode control. On/off, margin high and margin
low.
R/W Byte
Y
Reg
Y
0x80
MFR_RESET
0xFD
Commanded reset without requiring a power-down.
Identical to RESTORE_USER_ALL.
Send Byte
N
NA
ON_OFF_CONFIG
The ON_OFF_CONFIG command configures the combination of RUNn pin input and serial bus commands needed to
turn the unit on and off. This includes how the unit responds when power is applied.
Table 22. Supported Values
VALUE
MEANING
0x1F
OPERATION value and RUNn pin must both command the device to start/run. Device executes immediate off when commanded off.
0x1E
OPERATION value and RUNn pin must both command the device to start/run. Device uses TOFF_ command values when
commanded off.
0x17
RUNn pin control with immediate off when commanded off. OPERATION on/off control ignored.
0x16
RUNn pin control using TOFF_ command values when commanded off. OPERATION on/off control ignored.
Note: A high on the RUNn pin is always required to start power conversion. Power conversion will always stop with a low on RUNn.
Programming an unsupported ON_OFF_CONFIG value will generate a CML fault and the command will be ignored.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com