Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 48 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 48 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 44Page - Analog Devices LTM4686BIVPBF Datasheet HTML 45Page - Analog Devices LTM4686BIVPBF Datasheet HTML 46Page - Analog Devices LTM4686BIVPBF Datasheet HTML 47Page - Analog Devices LTM4686BIVPBF Datasheet HTML 48Page - Analog Devices LTM4686BIVPBF Datasheet HTML 49Page - Analog Devices LTM4686BIVPBF Datasheet HTML 50Page - Analog Devices LTM4686BIVPBF Datasheet HTML 51Page - Analog Devices LTM4686BIVPBF Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 130 page
background image
LTM4686B
48
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
VIN TO VOUT STEP-DOWN RATIOS
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
Each output of the LTM4686B is capable of 95% duty
cycle at 500kHz, but the VIN to VOUT minimum dropout
is still a function of its load current and will limit output
current capability related to high duty cycle on the topside
switch. Minimum on-time tON(MIN) is another consider-
ation in operating at a specified duty cycle while operating
at a certain frequency due to the fact that tON(MIN) < D/fSW,
where D is duty cycle and fSW is the switching frequency.
tON(MIN) is specified in the electrical parameters as 45ns.
See Note 6 in the Electrical Characteristics section for
output current guideline.
INPUT CAPACITORS
The LTM4686B module should be connected to a low
AC-impedance DC source. For the regulator input four
22µF input ceramic capacitors are used to handle the RMS
ripple current. A 47µF to 100µF surface mount aluminum
electrolytic bulk capacitor can be used for more input
bulk capacitance. This bulk input capacitor is only needed
if the input source impedance is compromised by long
inductive leads, traces or not enough source capacitance.
If low impedance power planes are used, then this bulk
capacitor is not needed.
For a buck converter, the switching duty-cycle can be esti-
mated with Equation 2.
Dn =
VOUT
n
VIN
n
(2)
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated with Equation 3.
ICINn(RMS) =
IOUTn(MAX)
η%
• Dn • 1−Dn
(
)
(3)
In the above equation, η% is the estimated efficiency of the
power module. The bulk capacitor can be a switcher-rated
electrolytic aluminum capacitor, or a Polymer capacitor.
OUTPUT CAPACITORS
The LTM4686B is designed for low output voltage rip-
ple noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output volt-
age ripple and transient requirements. COUT can be a low
ESR tantalum capacitor, a low ESR polymer capacitor or
ceramic capacitor. The typical output capacitance range
for each output is from 400µF to 700µF. Additional output
filtering may be required by the system designer, if further
reduction of output ripple or dynamic transient spikes
is required. Table 20 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 5A/µs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to optimize the transient performance. Stability criteria
are considered in the Table 20 matrix, and the Analog
Devices, Inc. µModule Power Design Tool will be provided
for stability analysis. Multiphase operation reduces effec-
tive output ripple as a function of the number of phases.
Analog Devices Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully
as a function of stability and transient response. The
Analog Devices, Inc. µModule Power Design Tool can
calculate the output ripple reduction as the number of
implemented phases increases by N times. A small value
10Ω resistor can be placed in series from VOUTn to the
VOSNS0+ or VOSNS1 pin to allow for a bode plot analyzer
to inject a signal into the control loop and validate the
regulator stability.
LIGHT LOAD CURRENT OPERATION
TheLTM4686Bhastwomodesofoperation:highefficiency,
discontinuousconductionmodeorforcedcontinuouscon-
duction mode. The mode of operation is configured by bit
0 of the MFR_PWM_MODEn command (discontinuous
conduction is always the start-up mode, forced continu-
ous is the default running mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com