Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 87 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 87 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 83Page - Analog Devices LTM4686BIVPBF Datasheet HTML 84Page - Analog Devices LTM4686BIVPBF Datasheet HTML 85Page - Analog Devices LTM4686BIVPBF Datasheet HTML 86Page - Analog Devices LTM4686BIVPBF Datasheet HTML 87Page - Analog Devices LTM4686BIVPBF Datasheet HTML 88Page - Analog Devices LTM4686BIVPBF Datasheet HTML 89Page - Analog Devices LTM4686BIVPBF Datasheet HTML 90Page - Analog Devices LTM4686BIVPBF Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
LTM4686B
87
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_PWM_MODE
The MFR_PWM_MODE command allows the user to program the PWM controller to use, discontinuous (pulse-skipping
mode), or forced continuous conduction mode.
BIT
MEANING
7
Range of ILIMIT
0 – Low Current Range
1 – High Current Range
6
Enable Servo Mode
5
Reserved
4
Page 0 Only: Use of TSNS1a-Sensed Temperature Telemetry
0 – Temperature sensed via TSNS1a is used to temperature-correct the current-sense information digitized by Channel 1.
1 – Temperature sensed via TSNS0 is used to temperature-correct the current-sense information digitized by Channel 1. Telemetry obtained
from the thermal sensor connected to TSNS1a can be external to the module, if desired.
3
Reserved
2
Reserved
1
Voltage Range
0 – Hi Voltage Range 3.6 volts max
1 – Lo Voltage Range 2.75 volts max
0
PWM Mode
0 – Discontinuous Mode
1 – Continuous Mode
Whenever the channel is ramping on, the PWM mode will be discontinuous, regardless of the value of this
command.
Bit [7] of this command determines if the part is in high range or low range of the IOUT_OC_FAULT_LIMIT command.
Changing this bit value changes the PWM loop gain and compensation. Changing this bit value whenever an output is
active may have detrimental system results.
Bit [6] The LTM4686B will not servo while the part is OFF, ramping on or ramping off. When set to a one, the output servo
is enabled. The output set point DAC will be slowly adjusted to minimize the difference between the READ_VOUT_ADC
and the VOUT_COMMAND (or the appropriate margined value).
Bit [1] of this command determines if the part is in high range or low voltage range. Changing this bit value changes
the PWM loop gain and compensation. This bit value cannot be changed when an output is active.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com