Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 101 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 101 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 97Page - Analog Devices LTM4686BIVPBF Datasheet HTML 98Page - Analog Devices LTM4686BIVPBF Datasheet HTML 99Page - Analog Devices LTM4686BIVPBF Datasheet HTML 100Page - Analog Devices LTM4686BIVPBF Datasheet HTML 101Page - Analog Devices LTM4686BIVPBF Datasheet HTML 102Page - Analog Devices LTM4686BIVPBF Datasheet HTML 103Page - Analog Devices LTM4686BIVPBF Datasheet HTML 104Page - Analog Devices LTM4686BIVPBF Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 130 page
background image
LTM4686B
101
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Table 24. VOUT_OV_FAULT_RESPONSE Data Byte Contents
BITS DESCRIPTION
VALUE MEANING
7:6
Response
For all values of bits [7:6], the LTM4686B:
• Sets the corresponding fault bit in the status commands and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The output is commanded through the RUNn pin, the OPERATION
command, or the combined action of the RUNn pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTM4686B.
00
Part performs OV pull down only (i.e., turns off the top
MOSFET and turns on lower MOSFET while VOUT is >
VOUT_OV_FAULT)
01
The PMBus device continues operation for the delay time
specified by bits [2:0] and the delay time unit specified for that
particular fault. If the fault condition is still present at the end of
the delay time, the unit responds as programmed in the Retry
Setting (bits [5:3]).
10
The device shuts down immediately (disables the output) and
responds according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
5:3
Retry Setting
000–110 The unit does not attempt to restart. The output remains
disabled until the fault is cleared until the device is commanded
OFF bias power is removed.
111
The PMBus device attempts to restart continuously, without
limitation, until it is commanded OFF (by the RUNn pin or
OPERATION command or both), bias power is removed, or
another fault condition causes the unit to shut down without
retry. Note: The retry interval is set by the MFR_RETRY_DELAY
command.
2:0
Delay Time
XXX
The delay time in 10µs increments. This delay time determines
how long the controller continues operating after a fault is
detected. Only valid for deglitched off state
VOUT_UV_FAULT_RESPONSE
The VOUT_UV_FAULT_RESPONSE command instructs the device on what action to take in response to an output
undervoltage fault. The data byte is in the format given in Table 25.
The device also:
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT undervoltage fault bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked.
The UV fault and warn are masked until the following criteria are achieved:
1) The TON_MAX_FAULT_LIMIT has been reached
2) The TON_DELAY sequence has completed
3) The TON_RISE sequence has completed
4) The VOUT_UV_FAULT_LIMIT threshold has been reached
5) The IOUT_OC_FAULT_LIMIT is not present
The UV fault and warn are masked whenever the channel is not active.
The UV fault and warn are masked during TON_RISE and TOFF_FALL sequencing.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com