Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 104 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 104 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 100Page - Analog Devices LTM4686BIVPBF Datasheet HTML 101Page - Analog Devices LTM4686BIVPBF Datasheet HTML 102Page - Analog Devices LTM4686BIVPBF Datasheet HTML 103Page - Analog Devices LTM4686BIVPBF Datasheet HTML 104Page - Analog Devices LTM4686BIVPBF Datasheet HTML 105Page - Analog Devices LTM4686BIVPBF Datasheet HTML 106Page - Analog Devices LTM4686BIVPBF Datasheet HTML 107Page - Analog Devices LTM4686BIVPBF Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 130 page
background image
LTM4686B
104
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_OT_FAULT_RESPONSE
The MFR_OT_FAULT_RESPONSE command byte instructs the device on what action to take in response to an internal
overtemperature fault. The data byte is in the format given in Table 27.
The LTM4686B also:
• Sets the MFR bit in the STATUS_WORD, and
• Sets the Overtemperature Fault bit in the STATUS_MFR_SPECIFIC command
• Notifies the host by asserting ALERT pin, unless masked.
This command has one data byte.
Table 27. Data Byte Contents MFR_OT_FAULT_RESPONSE
BITS DESCRIPTION
VALUE MEANING
7:6 Response
For all values of bits [7:6], the LTM4686B:
• Sets the corresponding fault bit in the status commands and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command
• The output is commanded through the RUNn pin, the OPERATION
command, or the combined action of the RUNn pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTM4686B
00
Not supported. Writing this value will generate a CML fault.
01
Not supported. Writing this value will generate a CML fault
10
The device shuts down immediately (disables the output) and
responds according to the retry setting in bits [5:3].
11
The device’s output is disabled while the fault is present.
Operation resumes and the output is enabled when the fault
condition no longer exists.
5:3 Retry Setting
000
The unit does not attempt to restart. The output remains
disabled until the fault is cleared.
001–111 Not supported. Writing this value will generate CML fault.
2:0 Delay Time
XXX
Not supported. Value ignored
Fault Responses Power Stage Temperature
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
OT_FAULT_ RESPONSE
0x50
Action to be taken by the device when a power
stage overtemperature fault is detected,
R/W Byte
Y
Reg
Y
0x80
UT_FAULT_ RESPONSE
0x54
Action to be taken by the device when a power
stage undertemperature fault is detected.
R/W Byte
Y
Reg
Y
0x80
OT_FAULT_RESPONSE
The OT_FAULT_RESPONSE command instructs the device on what action to take in response to a power stage over-
temperature fault. The data byte is in the format given in Table 28.
The device also:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Overtemperature Fault bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com