Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 107 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 107 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 103Page - Analog Devices LTM4686BIVPBF Datasheet HTML 104Page - Analog Devices LTM4686BIVPBF Datasheet HTML 105Page - Analog Devices LTM4686BIVPBF Datasheet HTML 106Page - Analog Devices LTM4686BIVPBF Datasheet HTML 107Page - Analog Devices LTM4686BIVPBF Datasheet HTML 108Page - Analog Devices LTM4686BIVPBF Datasheet HTML 109Page - Analog Devices LTM4686BIVPBF Datasheet HTML 110Page - Analog Devices LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 130 page
background image
LTM4686B
107
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Table 29. GPIOn Propagate Fault Configuration. The GPIO0 and GPIO1 pins are designed to provide electrical notification of selected events to
the user. Some of these events are common to both output channels. Others are specific to an output channel. They can also be used to share faults
between channels.
BIT(S)
SYMBOL
OPERATION
b[3]
Reserved
b[2]
Mfr_gpio0_propagate_iout_oc,
Mfr_gpio1_propagate_iout_oc
0: No action if the IOUT_OC_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the IOUT_OC_FAULT_LIMIT fault is asserted
GPIO0 is associated with page 0 OC faults
GPIO1 is associated with page 1 OC faults
b[1]
Mfr_gpio0_propagate_vout_uv,
Mfr_gpio1_propagate_vout_uv
0: No action if the VOUT_UV_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the VOUT_UV_FAULT_LIMIT fault is asserted
GPIO0 is associated with page 0 UV faults
GPIO1 is associated with page 1 UV faults
b[0]
Mfr_gpio0_propagate_vout_ov,
Mfr_gpio1_propagate_vout_ov
0: No action if the VOUT_OV_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the VOUT_OV_FAULT_LIMIT fault is asserted
GPIO0 is associated with page 0 OV faults
GPIO1 is associated with page 1 OV faults
*The PWRGD status is designed as an indicator and not to be used for power supply sequencing.
Fault Sharing Response
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_GPIO_RESPONSE
0xD5
Action to be taken by the device when the GPIOn
pin is asserted low.
R/W Byte
Y
Reg
Y
0x00
MFR_GPIO_RESPONSE
This command determines the controller’s response to the GPIOn pin being pulled low by an external source.
VALUE
MEANING
0xC0
GPIO_INHIBIT The LTM4686B will three-state the output in response to the GPIOn pin pulled low.
0x00
GPIO_IGNORE The LTM4686B continues operation without interruption.
The device also:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the MFR bit in the STATUS_WORD
• Sets the GPIOB bit in the STATUS_MFR_SPECIFIC command, and
• Notifies the host by asserting ALERT pin, unless masked. The ALERT pin pulled low can be disabled by setting bit[1]
of MFR_CHAN_CFG.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com