Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 111 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 111 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 107Page - Analog Devices LTM4686BIVPBF Datasheet HTML 108Page - Analog Devices LTM4686BIVPBF Datasheet HTML 109Page - Analog Devices LTM4686BIVPBF Datasheet HTML 110Page - Analog Devices LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices LTM4686BIVPBF Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 130 page
background image
LTM4686B
111
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
SMBALERT_MASK Default Setting: (Refer Also to Summary of the Status Registers, Figure 60)
STATUS RESISTER
ALERT Mask Value MASKED BITS
STATUS_VOUTn
0x00
None
STATUS_IOUTn
0x00
None
STATUS_TEMPERATUREn
0x00
None
STATUS_CML
0x00
None
STATUS_INPUT
0x00
None
STATUS_MFR_SPECIFICn
0x11
Bit 4 (internal PLL unlocked), bit 0 (GPIOn pulled low by external device)
STATUS_BYTE
The STATUS_BYTE command returns a one-byte summary of the most critical faults.
STATUS_BYTE Message Contents:
BIT
STATUS BIT NAME
MEANING
7
BUSY
A fault was declared because the LTM4686B was unable to respond.
6
OFF
This bit is set if the channel is not providing power to its output, regardless of the reason, including simply not
being enabled.
5
VOUT_OV
An output overvoltage fault has occurred.
4
IOUT_OC
An output overcurrent fault has occurred.
3
VIN_UV
Not supported (LTM4686B returns 0).
2
TEMPERATURE
A temperature fault or warning has occurred.
1
CML
A communications, memory or logic fault has occurred.
0
NONE OF THE ABOVE A fault Not listed in bits[7:1] has occurred.
This command has one data byte
Any supported fault bit in this command will initiate an ALERT event.
STATUS_WORD
The STATUS_WORD command returns a two-byte summary of the channel’s fault condition. The low byte of the
STATUS_WORD is the same as the STATUS_BYTE command.
STATUS_WORD High Byte Message Contents:
BIT
STATUS BIT NAME
MEANING
15
VOUT
An output voltage fault or warning has occurred.
14
IOUT
An output current fault or warning has occurred.
13
INPUT
An SVIN input voltage fault or warning has occurred.
12
MFR_SPECIFIC
A fault or warning specific to the LTM4686B has occurred.
11
POWER_GOOD#
The POWER_GOOD state is false if this bit is set.
10
FANS
Not supported (LTM4686B returns 0).
9
OTHER
Not supported (LTM4686B returns 0).
8
UNKNOWN
Not supported (LTM4686B returns 0).
Any supported fault bit in this command will initiate an ALERT event.
This command has two data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com