Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 115 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 115 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices LTM4686BIVPBF Datasheet HTML 115Page - Analog Devices LTM4686BIVPBF Datasheet HTML 116Page - Analog Devices LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices LTM4686BIVPBF Datasheet HTML 118Page - Analog Devices LTM4686BIVPBF Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 130 page
background image
LTM4686B
115
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
(PAGED)
MFR_PADS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VDD33 0V
VDD33 UV
(reads 0)
(reads 0)
Invalid ADC Result(s)
SYNC Output Disabled Externally
Channel 1 is POWER_GOOD
Channel 0 is POWER_GOOD
LTM4686B Forcing RUN1 Low
LTM4686B Forcing RUN0 Low
RUN1 Pin State
RUN0 Pin State
LTM4686B Forcing GPIO1 Low
LTM4686B Forcing GPIO0 Low
GPIO1 Pin State
GPIO0 Pin State
STATUS_MFR_SPECIFIC
7
6
5
4
3
2
1
0
(PAGED)
4686B F60
STATUS_INPUT
7
6
5
4
3
2
1
0
STATUS_WORD
STATUS_BYTE
7
6
5
4
3
2
1
0
(PAGED)
MFR_COMMON
7
6
5
4
3
2
1
0
Module Not Driving ALERT Low
Module Not Busy
Internal Calculations Not Pending
Output Not In Transition
EEPROM Initialized
(reads 0)
SHARE_CLK_LOW
WP Pin High
MFR_INFO
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EEPROM ECC Status
Reserved
Reserved
Reserved
Reserved
STATUS_TEMPERATURE
7
6
5
4
3
2
1
0
STATUS_CML
7
6
5
4
3
2
1
0
STATUS_VOUT*
7
6
5
4
3
2
1
0
(PAGED)
STATUS_IOUT
7
6
5
4
3
2
1
0
(PAGED)
MASKABLE
DESCRIPTION
General Fault or Warning Event
Dynamic
Status Derived from Other Bits
Yes
No
No
GENERATES ALERT
Yes
No
Not Directly
BIT CLEARABLE
Yes
No
No
VOUT_OV Fault
VOUT_OV Warning
VOUT_UV Warning
VOUT_UV Fault
VOUT_MAX Warning
TON_MAX Fault
TOFF_MAX Warning
(reads 0)
IOUT_OC Fault
(reads 0)
IOUT_OC Warning
(reads 0)
(reads 0)
(reads 0)
(reads 0)
(reads 0)
OT Fault
OT Warning
(reads 0)
UT Fault
(reads 0)
(reads 0)
(reads 0)
(reads 0)
Invalid/Unsupported Command
Invalid/Unsupported Data
Packet Error Check Failed
Memory Fault Detected
Processor Fault Detected
(reads 0)
Other Communication Fault
Other Memory or Logic Fault
Internal Temperature Fault
Internal Temperature Warning
EEPROM CRC Error
Internal PLL Unlocked
Fault Log Present
(reads 0)
VOUT Short Cycled
GPIO Pulled Low By External Device
VIN_OV Fault SVIN
(reads 0)
VIN_UV Warning SVIN
(reads 0)
Unit Off for Insuffcient SVIN Voltage
(reads 0)
IIN_OC Warning
(reads 0)
15
14
13
12
11
10
9
8
VOUT
IOUT
INPUT
MFR_SPECIFIC
POWER_GOOD#
(reads 0)
(reads 0)
(reads 0)
BUSY
OFF
VOUT_OV
IOUT_OC
(reads 0)
TEMPERATURE
CML
NONE OF THE ABOVE
Figure 60. Summary of the Status Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com