Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 114 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 114 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 110Page - Analog Devices LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices LTM4686BIVPBF Datasheet HTML 115Page - Analog Devices LTM4686BIVPBF Datasheet HTML 116Page - Analog Devices LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices LTM4686BIVPBF Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 130 page
background image
LTM4686B
114
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
If any of these bits are set, the MFR bit in the STATUS_WORD will be set.
The user is permitted to write a 1 to any bit in this command to clear a specific fault. This permits the user to clear
status by means other than using the CLEAR_FAULTS command. Exception: The fault log present bit can only be
cleared by issuing the MFR_FAULT_LOG_CLEAR command.
Any supported fault bit in this command will initiate an ALERT event.
This command has one data byte.
MFR_PADS
This command provides the user a means of directly reading the digital status of the I/O pins of the device. The bit
assignments of this command are as follows:
BIT ASSIGNED DIGITAL PIN
15
VDD33 OV Fault
14
VDD33 UV Fault
13
Reserved
12
Reserved
11
ADC Values Invalid, Occurs During Start-Up
10
SYNC Output Disabled Due to External Clock
9
PowerGood1
8
PowerGood0
7
Device Driving RUN1 Low
6
Device Driving RUN0 Low
5
RUN1
4
RUN0
3
Device Driving GPIO1 Low
2
Device Driving GPIO0 Low
1
GPIO1
0
GPIO0
A 1 indicates the condition is true.
This read-only command has two data bytes.
MFR_COMMON
The MFR_COMMON command contains bits that are common to all ADI digital power and telemetry products.
BIT
MEANING
7
MODULE NOT DRIVING ALERT LOW
6
MODULE NOT BUSY
5
CALCULATIONS NOT PENDING
4
OUTPUT NOT IN TRANSITION
3
NVM Initialized
2
Reserved
1
SHARE_CLK Timeout
0
WP Pin Status
This read-only command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com