Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 113 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 113 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 109Page - Analog Devices LTM4686BIVPBF Datasheet HTML 110Page - Analog Devices LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices LTM4686BIVPBF Datasheet HTML 115Page - Analog Devices LTM4686BIVPBF Datasheet HTML 116Page - Analog Devices LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 130 page
background image
LTM4686B
113
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
This command has one data byte.
STATUS_TEMPERATURE
The STATUS_TEMPERATURE command returns one byte of sensed power stage temperature status information.
STATUS_TEMPERATURE Message Contents:
BIT
MEANING
7
External overtemperature fault.
6
External overtemperature warning.
5
Not supported (LTM4686B returns 0).
4
External undertemperature fault.
3:0
Not supported (LTM4686B returns 0).
ALERT can be asserted if any supported bits are set. Any supported bit may be cleared by writing a 1 to that bit position in STATUS_TEMPERATURE, in
lieu of a CLEAR_FAULTS command.
This command has one data byte.
STATUS_CML
The STATUS_CML command returns one byte of status information on received commands, internal memory and logic.
STATUS_CML Message Contents:
BIT
MEANING
7
Invalid or unsupported command received.
6
Invalid or unsupported data received.
5
Packet error check failed.
4
Memory fault detected.
3
Processor fault detected.
2
Reserved (LTM4686B returns 0).
1
Other communication fault.
0
Other memory or logic fault.
ALERT can be asserted if any supported bits are set. Any supported bit may be cleared by writing a 1 to that bit position in STATUS_CML, in lieu of a
CLEAR_FAULTS command.
This command has one data byte.
STATUS_MFR_SPECIFIC
The STATUS_MFR_SPECIFIC commands returns one byte with the manufacturer specific status information. Each
channel has a copy of the same information. Only bit 0 is page specific. The format for this byte is:
BIT MEANING
7
Internal Temperature Fault Limit Exceeded.
6
Internal Temperature Warn Limit Exceeded.
5
NVM CRC Fault.
4
PLL is Unlocked
3
Fault Log Present
2
VDD33 UV or OV Fault
0
GPIOn Pin Asserted Low by External Device (paged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com