Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 110 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 110 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 106Page - Analog Devices LTM4686BIVPBF Datasheet HTML 107Page - Analog Devices LTM4686BIVPBF Datasheet HTML 108Page - Analog Devices LTM4686BIVPBF Datasheet HTML 109Page - Analog Devices LTM4686BIVPBF Datasheet HTML 110Page - Analog Devices LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 130 page
background image
LTM4686B
110
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
set and the host notified by asserting the ALERT pin low. CLEAR_FAULTS can take up to 10µs to process. If a fault
occurs within that time frame it may be cleared before the status register is set.
This write-only command has no data bytes.
The CLEAR_FAULTS does not cause a unit that has latched off for a fault condition to restart. Units that have shut
down for a fault condition are restarted when:
• The output is commanded through the RUN pin, the OPERATION command, or the combined action of the RUN pin
and OPERATION command, to turn off and then to turn back on, or
• MFR_RESET or RESTORE_USER_ALL command is issued.
• Bias power is removed and reapplied to the integrated circuit
MFR_CLEAR_PEAKS
The MFR_CLEAR_PEAKS command clears the MFR_*_PEAK data values. A MFR_RESET or RESTORE_USER_ALL
will initiate this command.
This write-only command has no data bytes.
SMBALERT_MASK
The SMBALERT_MASK command can be used to prevent a particular status bit or bits from asserting ALERT as they
are asserted.
Figure 58 shows an example of the Write Word format used to set an ALERT mask, in this case without PEC. The bits in
the mask byte align with bits in the specified status register. For example, if the STATUS_TEMPERATURE command code
is sent in the first data byte, and the mask byte contains 0x40, then a subsequent External Overtemperature Warning
would still set bit 6 of STATUS_TEMPERATURE but not assert ALERT. All other supported STATUS_TEMPERATURE
bits would continue to assert ALERT if set.
Figure 59 shows an example of the Block Write – Block Read Process Call protocol used to read back the present state
of any supported status register, again without PEC.
SMBALERT_MASK cannot be applied to STATUS_BYTE, STATUS_WORD, MFR_COMMON or MFR_PADS. Factory
default masking for applicable status registers is shown below. Providing an unsupported command code to SMBALERT_
MASK will generate a CML for Invalid/Unsupported Data.
Figure 58. Example of Setting SMBALERT_MASK
Figure 59. Example of Reading SMBALERT_MASK
P
1
SLAVE
ADDRESS
SMBALERT_MASK
COMMAND CODE
STATUS_x
COMMAND CODE
W A
A
S
7
8
8
1
8
1
1 1
1
1
A
A
MASK BYTE
4686B F58
SLAVE
ADDRESS
SMBALERT_MASK
COMMAND CODE
BLOCK COUNT
(= 1)
W A
A
S
7
8
8
1
STATUS_x
COMMAND CODE
8
1
1 1
1
1
A
A
Sr
1
BLOCK COUNT
(= 1)
A
NA P
4686B F59
A
8
8
1
1 1
1
MASK BYTE
SLAVE
ADDRESS
7
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com