Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 117 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 117 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices LTM4686BIVPBF Datasheet HTML 115Page - Analog Devices LTM4686BIVPBF Datasheet HTML 116Page - Analog Devices LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices LTM4686BIVPBF Datasheet HTML 118Page - Analog Devices LTM4686BIVPBF Datasheet HTML 119Page - Analog Devices LTM4686BIVPBF Datasheet HTML 120Page - Analog Devices LTM4686BIVPBF Datasheet HTML 121Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 130 page
background image
LTM4686B
117
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
READ_VIN
The READ_VIN command returns the measured SVIN input voltage, in volts.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_VOUT
The READ_VOUT command returns the measured output voltage in the same format as set by the VOUT_MODE
command.
This read-only command has two data bytes and is formatted in Linear_16u format.
READ_IIN
The READ_IIN command returns the input current in Amperes. Note: Input current is calculated from READ_IOUT
current and the READ_DUTY_CYCLE value from both outputs plus the MFR_IIN_OFFSET. For accurate values at low
currents the part must be in continuous conduction mode. The greatest source of error if DCR sensing is used, is the
accuracy of the inductor parasitic DC resistance (DCR) at room temperature IOUT_CAL_GAIN.
READ_IIN = MFR_READ_IIN_PAGE0 + MFR_READ_IIN_PAGE1
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_READ_IIN
The MFR_READ_IIN command is a paged reading of the input current that applies the paged MFR_IIN_OFFSET
parameter. This calculation is similar to READ_IIN except the paged values are used.
MFR_READ_IIN = MFR_IIN_OFFSET + (IOUT • DUTY_CYCLE)
This command has 2 data bytes and is formatted in Linear_5s_11s format.
READ_IOUT
The READ_IOUT command returns the average output current in amperes. The IOUT value is a function of:
a) the differential voltage derived from the power inductor ∆ISNSn
b) the IOUT_CAL_GAIN value
c) the MFR_IOUT_CAL_GAIN_TC value, and
d) READ_TEMPERATURE_1 value
e) The MFR_TEMP_1_GAIN and the MFR_TEMP_1_OFFSET
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_TEMPERATURE_1
The READ_TEMPERATURE_1 command returns the temperature, in degrees Celsius, of the external sense element.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com