Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 121 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 121 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices LTM4686BIVPBF Datasheet HTML 118Page - Analog Devices LTM4686BIVPBF Datasheet HTML 119Page - Analog Devices LTM4686BIVPBF Datasheet HTML 120Page - Analog Devices LTM4686BIVPBF Datasheet HTML 121Page - Analog Devices LTM4686BIVPBF Datasheet HTML 122Page - Analog Devices LTM4686BIVPBF Datasheet HTML 123Page - Analog Devices LTM4686BIVPBF Datasheet HTML 124Page - Analog Devices LTM4686BIVPBF Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 130 page
background image
LTM4686B
121
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
RESTORE_USER_ALL
The RESTORE_USER_ALL command provides an alternate means by which the user can perform a MFR_RESET of
the LTM4686B.
This write-only command has no data bytes.
MFR_COMPARE_USER_ALL
The MFR_COMPARE_USER_ALL command instructs the PMBus device to compare current command contents with
what is stored in nonvolatile memory. If the compare operation detects differences, a CML bit 0 fault will be generated.
MFR_COMPARE_USER_ALL commands are disabled if the die exceeds 130°C and are not re-enabled until the die
temperature drops below 125°C.
This write-only command has no data bytes.
Fault Log Operation
A conceptual diagram of the fault log is shown in Figure 61. The fault log provides telemetry recording capability to
the LTM4686B. During normal operation the contents of the status registers, the output voltage readings, temperature
readings as well as peak values of these quantities are stored in a continuously updated buffer in RAM. The operation
is similar to a strip chart recorder. When a fault occurs, the contents are written into EEPROM for nonvolatile storage.
The EEPROM fault log is then locked. The part can be powered down with the fault log available for reading at a later
time. As a consequence of adding ECC, the area in the EEPROM available for fault log is reduced. When reading the
fault log from RAM all 6 events of cyclical data remain. However, when the fault log is read from EEPROM (after a
reset), the last 2 events are lost. The read length of 147 bytes remains the same, but the fifth and sixth events are a
repeat of the fourth event.
4686B F61
TIME OF FAULT
TRANSFER TO
EEPROM AND
LOCK
AFTER FAULT
READ FROM
EEPROM AND
LOCK BUFFER
ADC READINGS
CONTINUOUSLY
FILL BUFFER
RAM BYTES
EEPROM BYTES
8
Figure 61. Fault Log Conceptual Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com