Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 124 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 124 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 120Page - Analog Devices LTM4686BIVPBF Datasheet HTML 121Page - Analog Devices LTM4686BIVPBF Datasheet HTML 122Page - Analog Devices LTM4686BIVPBF Datasheet HTML 123Page - Analog Devices LTM4686BIVPBF Datasheet HTML 124Page - Analog Devices LTM4686BIVPBF Datasheet HTML 125Page - Analog Devices LTM4686BIVPBF Datasheet HTML 126Page - Analog Devices LTM4686BIVPBF Datasheet HTML 127Page - Analog Devices LTM4686BIVPBF Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 130 page
background image
LTM4686B
124
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Table 30. Fault Logging
This table outlines the format of the block data from a read block data of the MFR_FAULT_LOG command.
STATUS_VOUT (PAGE 0)
BYTE
59
STATUS_VOUT (PAGE 1)
BYTE
60
STATUS_WORD (PAGE 0)
[15:8]
WORD
61
[7:0]
WORD
62
STATUS_WORD (PAGE 1)
[15:8]
WORD
63
[7:0]
WORD
64
STATUS_MFR_SPECIFIC (PAGE 0)
BYTE
65
STATUS_MFR_SPECIFIC (PAGE 1)
BYTE
66
*
*
*
EVENT n–5
(Oldest Recorded Data)
READ_VOUT (PAGE 0)
[15:8]
LIN 16
127
[7:0]
LIN 16
128
READ_VOUT (PAGE 1)
[15:8]
LIN 16
129
[7:0]
LIN 16
130
READ_IOUT (PAGE 0)
[15:8]
LIN 11
131
[7:0]
LIN 11
132
READ_IOUT (PAGE 1)
[15:8]
LIN 11
133
[7:0]
LIN 11
134
READ_VIN
[15:8]
LIN 11
135
[7:0]
LIN 11
136
READ_IIN
[15:8]
LIN 11
137
[7:0]
LIN 11
138
STATUS_VOUT (PAGE 0)
BYTE
139
STATUS_VOUT (PAGE 1)
BYTE
140
STATUS_WORD (PAGE 0)
[15:8]
WORD
141
[7:0]
WORD
142
STATUS_WORD (PAGE 1)
[15:8]
WORD
143
[7:0]
WORD
144
STATUS_MFR_SPECIFIC (PAGE 0)
BYTE
145
STATUS_MFR_SPECIFIC (PAGE 1)
BYTE
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com