Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 126 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 126 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 122Page - Analog Devices LTM4686BIVPBF Datasheet HTML 123Page - Analog Devices LTM4686BIVPBF Datasheet HTML 124Page - Analog Devices LTM4686BIVPBF Datasheet HTML 125Page - Analog Devices LTM4686BIVPBF Datasheet HTML 126Page - Analog Devices LTM4686BIVPBF Datasheet HTML 127Page - Analog Devices LTM4686BIVPBF Datasheet HTML 128Page - Analog Devices LTM4686BIVPBF Datasheet HTML 129Page - Analog Devices LTM4686BIVPBF Datasheet HTML 130Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 126 / 130 page
background image
LTM4686B
126
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_FAULT_LOG_STORE
The MFR_FAULT_LOG_STORE command forces the fault log operation to be written to EEPROM just as if a fault
event occurred. This command will generate a MFR_SPECIFIC fault if the “Enable Fault Logging” bit is set in the
MFR_CONFIG_ALL command.
If the die temperature exceeds 130°C, the MFR_FAULT_LOG_STORE command is disabled until the IC temperature
drops below 125°C.
Up-Time Counter is in the Fault Log header. The counter is the time since the last module reset (MFR_RESET, RESTORE_
USER_ALL, or SVIN – power cycle) in 200µs increments. This is a 48-bit binary counter.
This write-only command has no data bytes.
MFR_FAULT_LOG_CLEAR
The MFR_FAULT_LOG_CLEAR command will erase the fault log file stored values. It will also clear bit 3 in the
STATUS_MFR_SPECIFIC command. After a clear is issued, the status can take up to 8ms to clear.
This write-only command is send bytes.
Block Memory Write/Read
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_EE_UNLOCK
0xBD
Unlock user EEPROM for access by MFR_EE_ERASE and
MFR_EE_DATA commands.
R/W Byte
N
Reg
NA
MFR_EE_ERASE
0xBE
Initialize user EEPROM for bulk programming by
MFR_EE_DATA.
R/W Byte
N
Reg
NA
MFR_EE_DATA
0xBF
Data transferred to and from EEPROM using sequential
PMBus word reads or writes. Supports bulk programming.
R/W
Word
N
Reg
NA
All the (EEPROM) commands are disabled if the die temperature exceeds 130°C. (EEPROM) commands are re-enabled
when the die temperature drops below 125°C.
MFR_EE_xxxx
MFR_EE_XXXX commands are used to facilitate bulk programming of the internal EEPROM. Contact the factory for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com