Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 127 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 127 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 122Page - Analog Devices LTM4686BIVPBF Datasheet HTML 123Page - Analog Devices LTM4686BIVPBF Datasheet HTML 124Page - Analog Devices LTM4686BIVPBF Datasheet HTML 125Page - Analog Devices LTM4686BIVPBF Datasheet HTML 126Page - Analog Devices LTM4686BIVPBF Datasheet HTML 127Page - Analog Devices LTM4686BIVPBF Datasheet HTML 128Page - Analog Devices LTM4686BIVPBF Datasheet HTML 129Page - Analog Devices LTM4686BIVPBF Datasheet HTML 130Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 127 / 130 page
background image
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4686B
127
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
Table 32. LTM4686B LGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VOUT0
B1
VOUT0
C1
VOUT0
D1
VOUT0
E1
GND
F1
GND
A2
GND
B2
GND
C2
GND
D2
GND
E2
GPIO0
F2
GPIO1
A3
GND
B3
GND
C3
TSNS0
D3
TSNS0
E3
ALERT
F3
RUN0
A4
GND
B4
GND
C4
GND
D4
SDA
E4
SCL
F4
RUN1
A5
GND
B5
GND
C5
GND
D5
GND
E5
SYNC
F5
SGND
A6
GND
B6
GND
C6
GND
D6
COMP0b
E6
COMP0a
F6
SGND
A7
GND
B7
GND
C7
GND
D7
VOSNS0+
E7
VOSNS0–
F7
INTVCC
A8
GND
B8
SW0
C8
GND
D8
VORB0+
E8
VORB0–
F8
GND
A9
VIN0
B9
VIN0
C9
VIN0
D9
VIN0
E9
GND
F9
SVIN
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
GND
H1
GND
J1
VOUT1
K1
VOUT1
L1
VOUT1
M1
VOUT1
G2
ASEL
H2
FSWPHCFG
J2
GND
K2
GND
L2
GND
M2
GND
G3
VOUT0CFG
H3
VTRIM0CFG
J3
TSNS1a
K3
TSNS1b
L3
GND
M3
GND
G4
VOUT1CFG
H4
VTRIM1CFG
J4
VDD25
K4
WP
L4
GND
M4
GND
G5
SGND
H5
SHARE_CLK
J5
VDD33
K5
GND
L5
GND
M5
GND
G6
SGND
H6
COMP1a
J6
COMP1b
K6
GND
L6
GND
M6
GND
G7
INTVCC
H7
VOSNS1
J7
VORB1
K7
GND
L7
GND
M7
GND
G8
GND
H8
GND
J8
GND
K8
GND
L8
SW1
M8
GND
G9
GND
H9
GND
J9
VIN1
K9
VIN1
L9
VIN1
M9
VIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com