Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 120 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 120 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 116Page - Analog Devices LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices LTM4686BIVPBF Datasheet HTML 118Page - Analog Devices LTM4686BIVPBF Datasheet HTML 119Page - Analog Devices LTM4686BIVPBF Datasheet HTML 120Page - Analog Devices LTM4686BIVPBF Datasheet HTML 121Page - Analog Devices LTM4686BIVPBF Datasheet HTML 122Page - Analog Devices LTM4686BIVPBF Datasheet HTML 123Page - Analog Devices LTM4686BIVPBF Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 130 page
background image
LTM4686B
120
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_ADC_TELEMETRY_STATUS
The MFR_ADC_TELEMETRY_STATUS command provides the user the means to determine the most recent ADC
conversion when the MFR_ADC_CONTROL short round robin loop is enabled using command 0xD8 value 0x0D. The
bit assignments of this command are as follows:
BIT TELEMETRY DATA AVAILABLE
7
Reserved returns 0
6
Reserved returns 0
5
Reserved returns 0
4
Reserved returns 0
3
Channel 1 IOUT readback (IOUT1)
2
Channel 1 VOUT readback (VOUT1)
1
Channel 0 IOUT readback (IOUT0)
0
Channel 0 VOUT readback (VOUT0)
Write to MFR_ADC_TELEMETRY_STATUS with data bits set to 1 clear the respective bits.
This read/write command has 1 data byte and is formatted in register format.
NVM (EEPROM) MEMORY COMMANDS
Store/Restore
COMMAND NAME
CMD
CODE
DESCRIPTION
TYPE
PAGED FORMAT UNITS NVM
DEFAULT
VALUE
STORE_USER_ALL
0x15
Store user operating memory to EEPROM.
Send Byte
N
NA
RESTORE_USER_ALL
0x16
Restore user operating memory from EEPROM.
Identical to MFR_RESET.
Send Byte
N
NA
MFR_COMPARE_USER_ALL
0xF0
Compares current command contents with NVM. Send Byte
N
NA
STORE_USER_ALL
The STORE_USER_ALL command instructs the PMBus device to copy the nonvolatile user contents of the Operating
Memory to the matching locations in the nonvolatile User NVM memory (EEPROM).
The 10 year data retention can only be guaranteed when STORE_USER_ALL is executed at 0°C ≤ TJ ≤ 85°C. Executing
this command at junction temperatures above 85°C or below 0°C is not recommended because data retention cannot
be guaranteed for that condition. If the die temperature exceeds 130°C, the STORE_USER_ALL command is disabled.
The command is re-enabled when the IC temperature drops below 125°C.
Communication with the LTM4686B and programming of the EEPROM can be initiated when VDD33 is available and
SVIN is not applied. To enable the part in this state, using global address 0x5B write 0x2B followed by 0xC4. The part
can now be communicated with, and the project file updated. To write the updated project file to the EEPROM issue a
STORE_USER_ALL command. When SVIN is applied, a MFR_RESET or RESTORE_USER_ALL must be issued to allow
the PWM to be enabled and valid ADCs to be read.
This write-only command has no data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com