Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 116 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 116 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices LTM4686BIVPBF Datasheet HTML 114Page - Analog Devices LTM4686BIVPBF Datasheet HTML 115Page - Analog Devices LTM4686BIVPBF Datasheet HTML 116Page - Analog Devices LTM4686BIVPBF Datasheet HTML 117Page - Analog Devices LTM4686BIVPBF Datasheet HTML 118Page - Analog Devices LTM4686BIVPBF Datasheet HTML 119Page - Analog Devices LTM4686BIVPBF Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 130 page
background image
LTM4686B
116
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_INFO
The MFR_INFO command contains additional status bits that are LTM4686B-specific and may be common to multiple
ADI PSM products.
MFR_INFO Data Contents
BIT
MEANING
15:6
Reserved.
5
EEPROM ECC status.
0: Corrections have been made in the EEPROM user space.
1: No corrections have been made in the EEPROM user space.
4:0
Reserved
EEPROM ECC status is updated after each RESTORE_USER_ALL or RESET command, a power-on reset or an EEPROM
bulk read operation. This read-only command has two data bytes.
TELEMETRY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS NVM
DEFAULT
VALUE
READ_VIN
0x88 Measured input supply (SVIN) voltage.
R Word
N
L11
V
NA
READ_VOUT
0x8B Measured output voltage.
R Word
Y
L16
V
NA
READ_IIN
0x89 Calculated input supply current.
R Word
N
L11
A
NA
MFR_READ_IIN
0xED Calculated input current per channel.
R Word
Y
L11
A
NA
READ_IOUT
0x8C Measured output current.
R Word
Y
L11
A
NA
READ_TEMPERATURE_1
0x8D Power stage temperature sensor. This is the value
used for all temperature related processing, including
IOUT_CAL_GAIN.
R Word
Y
L11
C
NA
READ_TEMPERATURE_2
0x8E Control IC die temperature. Does not affect any other
registers.
R Word
N
L11
C
NA
READ_DUTY_CYCLE
0x94 Duty cycle of the top gate control signal.
R Word
Y
L11
%
NA
READ_POUT
0x96 Calculated output power.
R Word
Y
L11
W
NA
MFR_VOUT_PEAK
0xDD Maximum measured value of READ_VOUT since last
MFR_CLEAR_PEAKS.
R Word
Y
L16
V
NA
MFR_VIN_PEAK
0xDE Maximum measured value of READ_VIN since last
MFR_CLEAR_PEAKS.
R Word
N
L11
V
NA
MFR_TEMPERATURE_1_PEAK 0xDF Maximum measured value of power stage
temperature (READ_TEMPERATURE_1) since last
MFR_CLEAR_PEAKS.
R Word
Y
L11
C
NA
MFR_TEMPERATURE_2_PEAK
0xF4 Maximum measured value of control IC die
temperature (READ_TEMPERATURE_2) since last
MFR_CLEAR_PEAKS.
R Word
N
L11
C
NA
MFR_IOUT_PEAK
0xD7 Report the maximum measured value of READ_IOUT
since last MFR_CLEAR_PEAKS.
R Word
Y
L11
A
NA
MFR_ADC_CONTROL
0xD8 ADC telemetry parameter selected for repeated fast
ADC read back.
R/W
Byte
N
Reg
0x00
MFR_ADC_TELEMETRY_
STATUS
0xDA ADC telemetry status indicating which parameter is
most recently converted when the short round robin
ADC loop is enabled
R/W
Byte
N
Reg
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com