Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 105 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 105 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 113 page
background image
SH79F166A
105
(continue)
Parameter
Symbol
Min.
Typ.
∗
Max.
Unit
Condition
Input Low Voltage 2
VIL2
GND
-
0.2 X VDD
V
RST
——-------——
, T2, T3, T4, INT0/1/2/3/4, T2EX,
RXD (RxCON[1:0] = 00), TXD, FLT,
VDD = 2.4 - 5.5V
GND
-
0.4 X VDD
V
RXD (RxCON[1:0] = 01), VDD = 2.4 - 5.5V
GND
-
0.5 X VDD
V
RXD (RxCON[1:0] = 10), VDD = 2.4 - 5.5V
Input High Voltage 2
VIH2
0.8 X VDD
-
VDD
V
RST
——-------——
, T2, T3, T4, INT0/1/2/3/4, T2EX, RXD,
TXD, FLT, VDD = 2.4 - 5.5V
Input Leakage Current
IIL
-1
-
1
µA
Input pad, VIN = VDD or GND
Output Leakage
Current
IOL
-1
-
1
µA
Open-drain output, VDD = 5.0V
VOUT = VDD or GND
Pull-high Resistor
RPH
-
30
-
k
Ω
VDD = 5.0V, VIN = GND
Rest pin Pull-high
Resistor
RRPH
-
30
-
k
Ω
VDD = 5.0V, VIN = GND
Output High Voltage
VOH
VDD - 0.7
-
-
V
I/O Ports, IOH = -10mA, VDD = 5.0V
Output Low Voltage
VOL1
-
-
GND + 0.6
V
I/O Ports, IOL = 15mA, VDD = 5.0V
LCD Resistor
RON
-
5
-
k
Ω
SEG1 - 19, COM1 - 8, VDD = 3.6V - 5.0V
The voltage variation of V1, V2, V3 is less than 0.2V
Note:
1. “
∗” Data in “Typ.” Column is at 5.0V, 25°C, unless otherwise specified.
2. Maximum value of the supply current to VDD is 80mA.
3. Maximum value of the output current from GND is 100mA.
A/D Converter Electrical Characteristics (VDD = 3V, GND = 0V, TA = 25℃, Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VAD
2.5
3
3.5
V
Resolution
NR
-
10
-
bit
GND
≤ V
AIN ≤ VREF
A/D Input Voltage
VAIN
GND
-
VREF
V
A/D Input Resistor*
RAIN
2
-
-
M
Ω
VIN = 3.0V
Recommended
impedance of analog
voltage source
ZAIN
-
-
10
k
Ω
A/D conversion current
IAD
-
1
3
mA
ADC module operating, VDD = 3.0V
A/D Input current
IADIN
-
-
10
µA
VDD = 3.0V
Differential linearity error
DLE
-
-
±1
LSB
fOSC = 12MHz, VDD = 3.0V
Integral linearity error
ILE
-
-
±2
LSB
fOSC = 12MHz, VDD = 3.0V
Full scale error
EF
-
±1
±3
LSB
fOSC = 12MHz, VDD = 3.0V
Offset error
EZ
-
±0.5
±3
LSB
fOSC = 12MHz, VDD = 3.0V
Total Absolute error
EAD
-
-
±3
LSB
fOSC = 12MHz, VDD = 3.0V
Total Conversion time
TCON
14
-
-
tAD
10 bit Resolution, VDD = 3.0V, tAD = 1µs
Note: “
∗” Here the A/D input Resistor is the DC input-resistance of A/D itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com