Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 109 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 109 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 109 / 113 page
background image
SH79F166A
109
13. Package Information
QFP 44 Outline Dimensions (BODY SIZE: 10*10)
unit: inch/mm
23
33
b
e
44
34
1
11
12
22
See Detail F
Seating Plane
L
DETAIL F
q
D
HD
Symbol
Dimensions in inches
Dimensions in mm
A
0.106 Max.
2.70 Max.
A1
0.012 Max.
0.3 Max.
A2
0.079
± 0.004
2.00
± 0.10
b
0.134
± 0.001
0.35
± 0.03
c
0.006
± 0.002
0.15
± 0.05
D
0.394
± 0.006
10.00
± 0.15
E
0.394
± 0.006
10.00
± 0.15
e
0.031 Typ.
0.80 Typ.
HD
0.519
± 0.014
13.20
± 0.35
HE
0.519
± 0.014
13.20
± 0.35
L
0.035
± 0.006
0.9
± 0.15
θ
0
° - 11°
0
° - 11°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com