Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 106 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 106 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
SH79F166A
106
AC Electrical Characteristics (VDD = 2.0V - 5.5V, GND = 0V, TA = 25°C, fOSC = 12MHz, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Oscillator start time
TOSC
-
-
1
s
fOSC= 32.768kHz
TOSC
-
1
2
ms
fOSC = 12MHz
RESET pulse width
tRESET
10
-
-
µs
Low active
WDT RC Frequency
fWDT
-
2
3
kHz
Frequency Stability
(RC)
| ∆ F|/F
-
±1
±2
%
RC Oscillator
|F - 12MHz|/12MHz (VDD = 2.0 - 5.0V,
TA = -40°C to +85°C)
-
-
±2
%
RC Oscillator
|F - 128kHz|/128kHz (VDD = 2.0 - 5.0V, TA = 25°C)
Low Voltage Reset Electrical Characteristics (VDD = 2.0V - 5.5V, GND = 0V, TA = +25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
LVR Voltage1
VLVR1
4.2
4.3
4.4
V
LVR1 enabled
LVR Voltage2
VLVR2
2.0
2.1
2.2
V
LVR1 enabled
Drop-Down Pulse
Width for LVR
TLVR
-
60
-
µs
12MHz crystal Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Frequency
F12M
-
12
-
MHz
Capacitor
CL
-
12.5
-
pF
32.768kHz crystal Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Frequency
F32k
-
32768
-
Hz
Capacitor
CL
-
12.5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com