Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 110 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 110 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
SH79F166A
110
LQFP 44 Outline Dimensions
unit: inch/mm
23
33
b
e
44
34
1
11
12
22
y
GD
See Detail F
Seating Plane
L
GD
L1
DETAIL F
q
D
HD
Symbol
Dimensions in inches
Dimensions in mm
MIN
MAX
MIN
MAX
A
0.057
0.065
1.45
1.65
A1
0.000
0.001
0.01
0.21
A2
0.051
0.059
1.3
1.5
D
0.388
0.400
9.85
10.15
E
0.388
0.400
9.85
10.15
HD
0.465
0.48
11.8
12.2
HE
0.465
0.48
11.8
12.2
b
0.010
0.017
0.25
0.44
e
0.031 TYP
0.8 TYP
c
0.005 TYP
0.127 TYP
L
0.017
0.028
0.42
0.78
L1
0.037
0.045
0.95
1.15
θ
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com