Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 107 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 107 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 113 page
background image
SH79F166A
107
11. Application
4 X 12 LCD Display
+5V
3
2
1
U2
7805
Power Supply
12pF
12pF
KEY3
KEY4
SH79F166A
LCD
4X12
COM1-4
SEG1-12
BUZ
32.768kHz
Y1
OSCXI
OSCXO
P3.6
P3.7
VDD
GND
0.1uF
+5V
INT0
D2
R1
D1
C3
C2
C1
+12V
C5
C4
VS
GND
OUT
IR RECEIVER
0.1uF
47uF/16V
+5V
NC
KEY1
KEY2
P3.4
P3.5
AN3
AN0
AN1
AN2
P2.4
P0.1
P0.0
P2.7
P2.6
P2.5
10kohm
10kohm
10kohm
10kohm
15kohm
15kohm
15kohm
15kohm
0.1uF
0.1uF
0.1uF
0.1uF
Temperature
sensor
P5.1
P5.0
P5.2
P4.4
P0.2
P0.3
P0.5
1kohm
+12V
100uF
1
8
7
6
5
4
3
2
+12V
16
9
10
11
12
13
14
15
0.1uF
to relay
DRIVER
1
8
7
6
5
4
3
2
+12V
16
9
10
11
12
13
14
15
0.1uF
DRIVER
to relay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com