Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 141 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 141 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 137Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 138Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 139Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 140Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 141Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 142Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 143Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 144Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 145Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 152 page
background image
SH79F6488/SH79F6489
141
11. Application
GND
104
47u
VBAT
AGND
104
105
104
GND
SH79F6488
LCD Panel
4COM*36SEG
PUMP/VALVE
LED
start/stop
Memory
Time
Set
P0.4/INT0
P0.5/INT1
P0.6/INT2
P0.7/INT3
P2.1
P2.2
P2.3
PWM0
PWM1
PWM2
P0.2
GND
VDD
C
GND
AGND
VREF
VIN-
VIN+
2.2V~3.4V
Battery
VDDR
47uF
XTAL1
XTAL2
GND
32.768kHz
12p
12p
2M FLASH
MOSI
MISO
CLK
SS
CTRL
OUT
TXD
RXD
Audio AMP
RS232
SENSOR
AIN0-
AIN0+
VDDR
104
AGND
VDD
P4.7
MEMS
Sensor
VDD
GND
DC/DC
47u
5V
100uH
AN3
LDO
GND
VBAT
4.4V~6.8V
Battery
47u
VDD1
VDD1
VBAT
GND
2M
1M
Ω
0
Ω
Ω
1K
Ω
SH79F6488 Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com