Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 139 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 139 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 135Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 136Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 137Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 138Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 139Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 140Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 141Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 142Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 143Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 152 page
background image
SH79F6488/SH79F6489
139
Operational Amplifier Electrical Characteristics
(VDD = 3.0 - 5.5V, VDDR = 2.7V, GND = 0V, TA = +25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDDR
-
2.7
-
V
Operating Current
IOP
-
270
350
µA
Input Offset Voltage
VIO
-
3
7
mV
VDDR = 2.7V, VO_OP = 0.5VDDR
Input Offset Voltage
temperature coefficient
VIOD
-
7
-
uV/°C
Input Common Mode
Voltage Range
VI_OP
0.1
-
0.5VDDR
V
Output Voltage Range
VO_OP
0.3
-
VDDR-0.3
V
Drive Current
IDR_OP
-
1
-
mA
Regulator Electrical Characteristics (VDD = 3.0 - 5.5V, GND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ*
Max.
Unit
Condition
Operating Voltage
VDD
3.0
-
5.5
V
Output Voltage1
VDDR1
2.6
2.7
2.8
V
IVDDR1 = 0 - 30mA, VDD = 3.0 - 5.5V
Output Voltage2
VDDR2
3.2
3.3
3.4
V
IVDDR2 = 0 - 30mA, VDD = 3.6 - 5.5V
Output Current
IDRV
-
30
-
mA
Supply Current
ISS
-
50
100
uA
AC Electrical Characteristics (VDD = 3.0V - 5.5V, GND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Oscillator start time
TOSC1
-
1
2
ms
fOSC = 12MHz
TOSC2
-
1
2
s
fOSC= 32.768kHz
RESET pulse width
tRESET
10
-
-
µs
Low active
RESET Pin Pull-high
Resistor
RRPH
-
30
-
k
Ω
VDD = 3.0V, VIN = GND
WDT RC Frequency
FWDT
1
2
3
kHz
RC Frequency
FRC
11.88
12
12.12
MHz
12M internal RC, Contains the changes between
piece and piece (VDD = 3.0 - 5.5V,TA = 25°C)
PLL Frequency
FPLL
-
48
-
MHz
48M PLL Oscillator, Contains the changes between
piece and piece
32.768kHz oscillator starting error < 0.01%
(VDD = 3.0 - 5.5V,TA = 25°C)
Low Voltage Reset Electrical Characteristics (VDD = 3.0V - 5.5V, GND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
LVR Voltage1
VLVR1
3.0
3.1
3.2
V
LVR enable
VDD = VLVR1 - 5.5V, fOSC = 12MHz
LVR Voltage2
VLVR2
3.85
4.0
4.15
V
LVR enable
VDD = VLVR2 - 5.5V, fOSC = 12MHz
Drop-Down Pulse
Width for LVR
TLVR
-
60
-
µs
fOSC = 12MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com