Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 137 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 137 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 133Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 134Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 135Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 136Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 137Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 138Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 139Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 140Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 141Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 152 page
background image
SH79F6488/SH79F6489
137
10. Electrical Characteristics
Absolute Maximum Ratings
DC Supply Voltage. . . . . . . . . . . . . . . . . . . .-0.3V to +6.0V
Input/Output Voltage. . . . . . . . . . . GND-0.3V to VDD+0.3V
Operating Ambient Temperature. . . . . . . . . -40°C to +85°C
FLASH write/erase operating. . . . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . .. . . . . . .-55°C to +125°C
Comments
Stresses exceed those listed under “Absolute Maximum
Ratings” may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics (VDD = 3.0V - 5.5V, GND = 0V, TA = +25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
∗
Max.
Unit
Condition
Operating Voltage
VDD
3.0
5.0
5.5
V
fOSC = 24MHz
Operating Current
IOP1
-
6
12
mA
fOSC = 24MHz, VDD = 5.0V
All output pins unload (including all digital
input pins unfloating) CPU on (execute NOP
instruction), WDT on, LVR on, all other
function block off
IOP2
-
4
8
mA
fOSC = 12MHz, VDD = 5.0V
All output pins unload (including all digital
input pins unfloating) CPU on (execute NOP
instruction), WDT on, LVR on, all other
function block off
IOP3
-
25
35
µA
fOSC = 32.768kHz, OSCX off, VDD = 5.0V
All output pins unload (including all digital input
pins
unfloating)
CPU
on
(execute
NOP
instruction), LVR on, all other function block off
Stand by Current
(IDLE)
ISB1
-
3
6
mA
fOSC =24MHz, VDD = 5.0V
All output pins unload (including all digital
input pins unfloating) CPU on (execute NOP
instruction), WDT on, LVR on, all other
function block off
ISB2
-
2
5
mA
fOSC = 12MHz, VDD = 5.0V
All output pins unload (including all digital
input pins unfloating), CPU off (IDLE), WDT
off,LVR off, all other function block off
ISB3
-
15
30
µA
fOSC = 32.768kHz, VDD = 5.0V
All output pins unload (including all digital
input pins unfloating) CPU off (IDLE), WDT
off,LVR off, all other function block off
Stand by Current
(Power-Down)
ISB4
-
8
15
µA
fOSC = 32.768kHz, VDD = 5.0V
All output pins unload(including all digital input
pins unfloating), CPU off (Power-Down), LVR
on, WDT on, BT on, all other function block off
ISB5
-
5
10
µA
Osc off, VDD = 5.0V
All output pins unload(including all digital
input pins unfloating), CPU off (Power-Down),
LVR off, WDT off, all other function block off
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com