Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 41Page - STMicroelectronics L9780 Datasheet HTML 42Page - STMicroelectronics L9780 Datasheet HTML 43Page - STMicroelectronics L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics L9780 Datasheet HTML 46Page - STMicroelectronics L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
DocID026356 Rev 3
45/56
L9780
Electrical characteristics
55
Parking voltage
C3 voltage with VCCSEN bit = 0
REF2–
0.02
REF2+
0.02
V
RCT1 switch
On resistance
-
4
16
Ω
RCT1 bandgap switch
On resistance
-
2
16
Ω
Output voltage (RCT1 pin)
Charge balance mechanism activated
1.154
1.275
V
INRC switch
On resistance
-
2.5
20
Ω
Output leakage current in off state
(C1 pin)
Charge balance mechanism activated
-1
1
μA
Clean currents
Clean current
Bits CCS[3..0] = 0000,
0 < INRC < VCCA
-1
1
μA
Bits CCS[3..0] = 0001,
0 < INRC < 2 V
-15.4
-12.6
Bits CCS[3..0] = 0010,
0 < INRC < 2 V
-22
-18
Bits CCS[3..0] = 0100,
0 < INRC < 2 V
-44
-36
Bits CCS[3..0] = 1000,
0 < INRC < 2 V
-88
-72
Table 10. INRC, RCT2 and integrator amplifiers, RCT1, INRC and band-gap switches, clean
currents (continued)
Parameter
Conditions
Min.
Max.
Unit
Table 11. FVOUT, scaling amplifiers, A/D conversion, RFV resistor
Parameter
Conditions
Min.
Max.
Unit
RFV resistor
RFV resistor value
-
3.75
6.25
kΩ
FVOUT amplifier
GAIN
Bit SAMP[2..0] = 000; nominal gain = 1
0.995
1.005
V/V
Bit SAMP[2..0] = 001; nominal gain = 1.5
1.485
1.515
Bit SAMP[2..0] = 010; nominal gain = 2
1.98
2.02
Bit SAMP[2..0] = 011; nominal gain = 3
2.955
3.015
Bit SAMP[2..0] = 100; nominal gain = 4
3.93
4.03
Bit SAMP[2..0] = 101; nominal gain = 6
5.88
6.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com