Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 43Page - STMicroelectronics L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics L9780 Datasheet HTML 46Page - STMicroelectronics L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
DocID026356 Rev 3
47/56
L9780
Electrical characteristics
55
RTOT maximum drop
|OUT voltage – SNS voltage|; design
information
-
1.8
V
RTOT range
Design information
50
300
Ω
Gain
ΔI (OUT pin) / (ΔV (C3 pin) * RTOT)
0.988
1.012
V/V
Max VCCS current
C3 voltage = 0V, RTOT = 0
12
20
mA
C3 voltage = 5V, RTOT = 0
-20
-12
VCCS leakage current (evaluated
on OUT1, OUT2, SNS pins)
Bit VCCSEN = 0, OUT1 = OUT2 = SNS
= 0V, T = 150 °C
-5
5
μA
Bit VCCSEN = 0, OUT1 = OUT2 = SNS
= 5V, T = 150 °C
-5
Offset voltage
C3 voltage = REF2, VCCS offset voltage
= OUT voltage – SNS voltage
-0.7
0.7
mV
Voltage clamp error, positive limit CL1 (CL2) voltage – SNS voltage
-25
25
mV
Voltage clamp error, negative limit CL1 (CL2) voltage – SNS voltage
-50
50
mV
Output impedance
-
100
-
kΩ
Common mode gain
C3 voltage fixed, SNS pin moved,
Δ(OUT voltage – SNS voltage) /
SNS
voltage
-2
2
mV/V
TG switch on resistance
Internal switch between TG and OUT
pin
-4
Ω
VCCS pull-down resistance
-
10
21
kΩ
OUT differential current
OUT current = 0mA; OUT current
variation if SNS pin is moved from 0V to
-2 V or to 2.4 V
-7
μA
OUT current = ±12 mA; RTOT = 120Ω;
OUT current variation if SNS pin is
moved from 0 V to -2 V (I=12 mA) or to
2.4 V (I=-12 mA)
-40
OUT current = ±11 mA; RTOT = 97Ω;
OUT current variation if SNS pin is
moved from 0 V to -2 V (I=11 mA) or to
2.4 V (I=-11 mA)
-20
PG driver
PG pin output voltage
PG current = -10 μA
VCCA -0.1
VCCA
V
PG current = 10 μA
0
100
mV
Pull-down resistor
-
70
130
kΩ
Heater FET driver
HG pin output voltage
PG current = -10 μA
VCCA -0.2
VCCA
V
PG current = 10 μA
0
100
mV
Pull-down resistor
-
70
130
kΩ
Table 12. VCCS, PG1 (PG2) driver, Heater Fet driver
Parameter
Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com