Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 22Page - STMicroelectronics L9780 Datasheet HTML 23Page - STMicroelectronics L9780 Datasheet HTML 24Page - STMicroelectronics L9780 Datasheet HTML 25Page - STMicroelectronics L9780 Datasheet HTML 26Page - STMicroelectronics L9780 Datasheet HTML 27Page - STMicroelectronics L9780 Datasheet HTML 28Page - STMicroelectronics L9780 Datasheet HTML 29Page - STMicroelectronics L9780 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Diagnostic
L9780
26/56
DocID026356 Rev 3
5
Diagnostic
5.1
Sensor short to battery
L9780 is able to detect and take actions when a short to battery condition happens on its
sensor pins. In particular voltage levels on pins INRC, SNS, SR, OUT1/2 and TG1/2 are
controlled. If INRC, SNS or SR pin exceeds the corresponding voltage threshold reported in
Table 13 (or one of TG/OUT pins exceeds VCCA + 30 mV), a possible sensor short to
battery condition is detected. Sensor short to battery diagnostic on SR pin is not active when
both PG1 and PG2 are OFF.
Possible sensor short to battery condition is confirmed by the logic (and reported in the SPI
output register) and the failure countermeasures are applied in the device only if the
duration of the fault is greater than a filter time defined as a multiple of the clock period
(possible filter times ranges are defined in Table 17); in other words, when the possible
sensor short to battery condition is detected, a logic counter starts and when the count
reaches the value defined in Table 17 the fault condition is considered validated. This
counter is reset when the possible short to battery fault is cleared and after every power on
reset.
As soon as a possible sensor short to battery condition is detected the VCCS pull-down
resistor is disabled immediately, without waiting any filter time; the pull-down will be
re enabled once the short to battery condition is removed and the SPI bits are cleared by the
user.
Actions
Once the sensor short to battery fault is validated (the duration of possible fault is greater
than the filter time) the following actions are taken:
1.
Latch off PG1 and PG2;
2.
Disable VCCS output current (all VCCS pins are in high impedance condition),
impedance test and charge balance switches;
3.
Set the STBS1/ STBS2/ STBS3 bit in the SPI output register, according to the pin
where the fault has been detected (STBS3 in case of TG/OUT pins).
These actions remain valid until cleared by the user.
During short to battery condition, all pins compatible with this fault have to respect the
leakage current consumption specified in Table 14.
When the short to battery condition is cleared, VCCS, impedance test and charge balance
switches may be re enabled asynchronously from VCCS clock if their enable bits are =1. In
order to avoid this situation these functions should be disabled via SPI when a short to
battery fault is reported. When the fault is de asserted, these functions can be re enabled via
SPI.
For more details about SPI bits see Section 6.4.
5.2
INRC pin short to ground
The device is able to detect and take actions when a short to ground condition happens on
INRC pin. This detection is active only if STGINRC bit in SPI input register is set =1 and only
if the impedance test switch is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com