Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics L9780 Datasheet HTML 52Page - STMicroelectronics L9780 Datasheet HTML 53Page - STMicroelectronics L9780 Datasheet HTML 54Page - STMicroelectronics L9780 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
DocID026356 Rev 3
51/56
L9780
Electrical characteristics
55
SPI data shift happens on rising edges. Logic timing parameters are defined in Figure 11.
Figure 11. SPI timing diagram
Table 18. Logic communications timing
Parameter
Conditions
Min.
Max.
Unit
Transfer frequency (ft)
-
-
8
MHz
CLK period (tCLK)
-
125
-
ns
Enable lead time (tenLEAD)
-
375
-
Enable lag time (tenLAG)
-
50
-
CLK high time (tCLKH)
-
50
-
CLK low time (tCLKL)
-
50
-
SI input setup time (tSIS)
-
15
-
SI input hold time (tSIH)
-
20
SO access time (tSOA)
VCCI = 3.13 V; Cload = 50 pF
-
340
VCCI = 3.13 V; Cload = 100 pF
VCCI = 4.75 V; Cload = 50 pF
VCCI = 4.75 V; Cload = 100 pF
SO disable time (tSOD)
-
-
100
SO output valid time (tSOV)
VCCI = 3.13 V; Cload = 50 pF
-
60
VCCI = 3.13 V; Cload = 100 pF
-
160
VCCI = 4.75 V; Cload = 50 pF
-
40
VCCI = 4.75 V; Cload = 100 pF
-
80
SO output hold time (tSOH)
-
20
-
CLK hold time (tCLKHOLD)
-
300
-
CSN negated time (tCSN)
-
2
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com