Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 42Page - STMicroelectronics L9780 Datasheet HTML 43Page - STMicroelectronics L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics L9780 Datasheet HTML 46Page - STMicroelectronics L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Electrical characteristics
L9780
46/56
DocID026356 Rev 3
GAIN
Bit SAMP[2..0] = 110; nominal gain = 8
7.84
8.16
V/V
Bit SAMP[2..0] = 111; nominal gain = 12
11.7
12.18
Input offset voltage
-
-0.3
0.3
mV
Bias reference voltage (REF2)
-
0.498
0.502
VCCA
Output voltage swing
Maximum output voltage,
output current = -500 μA
VCCA –
0.2
VCCA
V
Minimum output voltage,
output current = 500 μA
0
200
mV
Scaling amplifier
GAIN
Bit SAMP[2..0] = 000; nominal gain = 1
0.995
1.005
V/V
Bit SAMP[2..0] = 001; nominal gain = 1.5
1.485
1.515
Bit SAMP[2..0] = 010; nominal gain = 2
1.98
2.02
Bit SAMP[2..0] = 011; nominal gain = 3
2.97
3.03
Bit SAMP[2..0] = 100; nominal gain = 4
3.94
4.04
Bit SAMP[2..0] = 101; nominal gain = 6
5.88
6.12
Bit SAMP[2..0] = 110; nominal gain = 8
7.84
8.16
Bit SAMP[2..0] = 111; nominal gain = 12
11.76
12.24
Input offset voltage
-
-0.3
0.3
mV
A/D conversion
INRC amplifier
INRC pin voltage = 225 mV
180
207
cnts
INRC pin voltage = 400 mV
324
364
INRC pin voltage = 500 mV
407
453
VCCS current conversion
FV pin voltage = 4.3 V
863
898
FV pin voltage = 3.85 V
775
802
FV pin voltage = 2.5 V
508
515
FV pin voltage = 1.15 V
221
248
FV pin voltage = 700 mV
125
160
ADC error conversion
Mean error after 8 A/D conversions
-4
4
Maximum error for each conversion
-2
2
Table 11. FVOUT, scaling amplifiers, A/D conversion, RFV resistor (continued)
Parameter
Conditions
Min.
Max.
Unit
Table 12. VCCS, PG1 (PG2) driver, Heater Fet driver
Parameter
Conditions
Min.
Max.
Unit
VCCS
SNS common mode range
Design information
-2
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com