Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 37Page - STMicroelectronics L9780 Datasheet HTML 38Page - STMicroelectronics L9780 Datasheet HTML 39Page - STMicroelectronics L9780 Datasheet HTML 40Page - STMicroelectronics L9780 Datasheet HTML 41Page - STMicroelectronics L9780 Datasheet HTML 42Page - STMicroelectronics L9780 Datasheet HTML 43Page - STMicroelectronics L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
DocID026356 Rev 3
41/56
L9780
Digital interface description
55
STGSNS=’1’ => short to ground detected.
For detailed description of the fault detection refer to Section 5.2.
Bit 14: CLAMP
This bit indicates the activation of VCCS clamp as follows:
CLAMP=’0’ => no activation;
CLAMP=’1’ => clamp activated.
For detailed description of the analog circuitry refer to Section 4.9.
Bit 13: OCH
This bit represents the heater open circuit condition as follows:
OCH=’0’ => no fault;
OCH=’1’ => heater open circuit.
If the device detects a heater open circuit and then a short to ground condition without any
fault clear frame between these 2 events, both OCH and STGH bits can be =’1’ in SPI
output frame.
For detailed description of the fault detection refer to Section 5.4.3.
Bit 12: STBH
This bit represents the heater short to battery condition as follows:
STBH=’0’ => no fault;
STBH=’1’ => heater short to battery.
For detailed description of the fault detection refer to sSection 5.4.1.
Bit 11: STGH
This bit represents the heater short to ground condition as follows:
STGH=’0’ => no fault;
STGH=’1’ => heater short to ground.
For detailed description of the fault detection refer to Section 5.4.2.
Bit 10: STGRC
This bit represents the sensor short to ground condition on INRC pin as follows:
STGRC=’0’ => no fault;
STGRC=’1’ => short to ground detected.
For detailed description of the fault detection refer to Section 5.2
Bit 9 - 0: RCIMP2_[9..0]
10 bit A/D conversion of the output of RCT2 amplifier while RCT1 switch is active. For
detailed description of the timing sequence refer to Section 4.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com