Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 33Page - STMicroelectronics L9780 Datasheet HTML 34Page - STMicroelectronics L9780 Datasheet HTML 35Page - STMicroelectronics L9780 Datasheet HTML 36Page - STMicroelectronics L9780 Datasheet HTML 37Page - STMicroelectronics L9780 Datasheet HTML 38Page - STMicroelectronics L9780 Datasheet HTML 39Page - STMicroelectronics L9780 Datasheet HTML 40Page - STMicroelectronics L9780 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
DocID026356 Rev 3
37/56
L9780
Digital interface description
55
Bit 31: STBHTH
This bit selects the heater short to battery threshold as follows:
STBHTH=’0’ => 250 mV;
STBHTH=’1’ => 425 mV;
The possible ranges of these thresholds are specified in Table 13.
If the device receives an SPI command in order to modify STBHTH bit in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. STBHTH bit value reported in the output register is the value used in
the last measurement cycle.
Default state for this bit after power on reset: 0.
Bit 30 - 24: ITPT[6..0]
These bits are used to set the RCT1 switch time pulse duration (tR), as specified in section
Table 16.
If the device receives a configuration ITPT[6..0]=’0011000’ or less (except 0000000), the
device considers this configuration as ‘0011001’, and shall provide SO response with the
configuration received from SI, even if is ‘0011000’ or less.
If the device receives an SPI command in order to modify ITPT[6..0] bits in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. ITPT[6..0] bits reported in the output register are the values used in the
last measurement cycle.
For the description of the timing sequence refer to Section 4.12.
Default state for these bits after power on reset: 0000000 (corresponding to disable state).
Bit 23: SNC
This bit selects the synchronized mode for the device (when SNC=’1’) or the free running
mode (when SNC=’0’).
If the device receives an SPI command in order to set SNC=’1’ bit in the middle of a
measurement cycle, it terminates the measurement cycle and discards all the temporary
conversions; then operates in idle configuration until a rising edge on SY pin is detected;
this is the signal necessary to start a new measurement cycle and to clear the measurement
counter.
Default state for this bit after power on reset: 0.
Bit 22 - 16: CBT[6..0]
These bits are used to set the RCT1 band-gap switch time pulse duration (tB), as specified
in Table 16.
If the device receives an SPI command in order to modify CBT[6..0] bits in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. CBT[6..0] bits reported in the output register are the values used in the
last measurement cycle.
For the description of the timing sequence refer to Section 4.12.
Default state for these bits after power on reset: 0000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com