Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 11Page - STMicroelectronics L9780 Datasheet HTML 12Page - STMicroelectronics L9780 Datasheet HTML 13Page - STMicroelectronics L9780 Datasheet HTML 14Page - STMicroelectronics L9780 Datasheet HTML 15Page - STMicroelectronics L9780 Datasheet HTML 16Page - STMicroelectronics L9780 Datasheet HTML 17Page - STMicroelectronics L9780 Datasheet HTML 18Page - STMicroelectronics L9780 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
DocID026356 Rev 3
15/56
L9780
Main functionalities
55
Figure 4. Typical sensor N compensation network
Figure 5. Typical sensor B compensation network
Typical ranges for integrator amplifier electrical parameters are specified in Table 15.
4.8
Pin FV, FVOUT functionalities: FVOUT amplifier
C3 pin voltage is the VCCS direct input control voltage. Thanks to the presence of the
external capacitor on FV pin (CFV, specified in Table 19) and the internal resistance RFV
(typical value 5 kΩ and possible range specified in Table 11), on FV pin the low pass filtered
C3 voltage can be measured. FV voltage is the input of the FVOUT amplifier used to provide
on FVOUT pin a signal range compatible with an external A/D converter, as follows:
FVOUT = REF2 + G * (FV – REF2)
Where G is the gain of VOUT amplifier selectable via SPI (using bits SAMP[2..0]) among the
following values: 1 - 1.5 - 2 - 3 - 4 - 6 - 8 – 12. A sample and hold circuitry and the offset
compensation technique are used in the architecture of FVOUT amplifier; for this cell all the
electrical parameters are specified in Table 10 and Table 15.
4.9
Pin TG1, TG2, OUT1, OUT2, SNS functionalities: the VCCS
TG1, TG2, OUT1, OUT2, SNS are the interface pins between VCCS structure and the
external pump cell. The pump cell allows to control the oxygen concentration by forcing an
electric current through the cell itself; in other words it is possible to control the direction and
the intensity of oxygen transport, because it is directly related to the direction and the
intensity of the current. By controlling the amount of current through the pump cell, it is
possible to control the amount of oxygen and consequently the λ parameter of the sensor;
closing this mechanism into a loop, like in L9780, it is possible to regulate the pump cell
current in order to obtain the target λ = 1. The best working condition for the sensor is the
high temperature; in this condition the AC impedance of the pump cell can be assumed to
be a large capacitance in series to with a resistor of about 20-30 Ω. When cold, the pump
cell can be assumed to be an open circuit.
GAPGPS01860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com