Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 46Page - STMicroelectronics L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics L9780 Datasheet HTML 52Page - STMicroelectronics L9780 Datasheet HTML 53Page - STMicroelectronics L9780 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Electrical characteristics
L9780
50/56
DocID026356 Rev 3
Table 16. Timing
Parameter
Conditions
Min.
Max.
Unit
Heater PWM frequency
Design information
0
600
Hz
State machine clock (Tsmc)
Bit MCP[1..0] = 00
40000
TOSC
Bit MCP[1..0] = 01
80000
Bit MCP[1..0] = 10
200000
Bit MCP[1..0] = 11
400000
RCT1 switch time (tR)
nitp: decimal conversion of ITPT[6..0];
lower value limited by hardware to
nitp = 25. No pulse if set to 0.
0
2*nitp
RCT1 band-gap switch time (tB) ncbt: decimal conversion of CBT[6..0]
2*ncbt
INRC switch extension time
(tINRC)
ninrc: decimal conversion of ISPT[2..0]
960*ninrc
1024*ninrc
S&H settling time (tspl)
-
20
A/D conversion time (tAD)
-
40
Settling delay
td1
14
td2
16
td3
18
SY assertion time
-
3
-
SY de-assertion time
-
3
-
Integrator settling time
Time from VCCSEN de assertion to
parking functionality activation
-1
ms
Table 17. Diagnostic filter times
Parameter
Conditions
Min.
Max.
Unit
Heater short to ground filter time
960
1024
TOSC
Heater short to battery filter time
STBHFT[1..0] = 00
80
81
STBHFT[1..0] = 01
60
61
STBHFT[1..0] = 10
40
41
STBHFT[1..0] = 11
20
21
Sensor short to battery filter time On SR, INRC, SNS pins
20
21
Sensor short to ground filter time On INRC, SNS pins
20
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com