Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 16Page - STMicroelectronics L9780 Datasheet HTML 17Page - STMicroelectronics L9780 Datasheet HTML 18Page - STMicroelectronics L9780 Datasheet HTML 19Page - STMicroelectronics L9780 Datasheet HTML 20Page - STMicroelectronics L9780 Datasheet HTML 21Page - STMicroelectronics L9780 Datasheet HTML 22Page - STMicroelectronics L9780 Datasheet HTML 23Page - STMicroelectronics L9780 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Main functionalities
L9780
20/56
DocID026356 Rev 3
In the table above the list of selectable Cint is shown and for each Cint is specified maximum
and minimum Rtot value that guarantee respectively a phase margin > 60° and a bandwidth
> 100 kHz.
In order to avoid that during the activation of VCCS for a short time the output current can be
out of control, the selection or the change of different functionalities of VCCS (like the
change of output channel, of input clamp or of Cint capacitances) are possible only when
VCCS is disabled. Well defined rules have to be respected in order to be able to drive
correctly VCCS; these rules are specified in Section 5.5.2.
All VCCS electrical parameters ranges are specified in sections Table 12 and Table 15. All
the logic signals used to select VCCS functionalities are defined in detail in section 7.3.
4.10
Pin PG1, PG2, SR functionalities
The device is able to drive via SPI (through bits PG1EN, PG2EN) the gate of the external
protection FET, that can be connected to PG1 or PG2 pin. This external FET acts as a
switch that connects to ground the second terminal of the pump cell and completes the path
for VCCS output current (see block diagram in Figure 2). In this condition SR pin voltage is
expected to be low; if the voltage value exceeds STBS1 threshold (typical value of 200mV
and possible range specified in Table 13), a sensor short to battery condition is detected.
For the consequences of this detection see Section 5.1.
In order to avoid the possibility that the external FET switch on when the device is
un-powered the FET driver has 100 k
 (typ) pull down resistor permanently connected to
PG1 and PG2 pins. Electrical parameters of PG driver are specified in Table 12 and
Table 15.
52
318
212
53
324
216
54
329
219
55
335
223
56
341
227
57
347
231
58
352
235
59
357
238
60
363
242
61
369
246
62
374
249
63
380
253
64
386
257
Table 6. Cint vs. possible Rtot to guarantee phase margin and bandwidth (continued)
Cint (pF)
Maximum Rtot [Ω] value to
guarantee a phase margin > 60°
Minimum Rtot [Ω] value to
guarantee a bandwidth > 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com