Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 14Page - STMicroelectronics L9780 Datasheet HTML 15Page - STMicroelectronics L9780 Datasheet HTML 16Page - STMicroelectronics L9780 Datasheet HTML 17Page - STMicroelectronics L9780 Datasheet HTML 18Page - STMicroelectronics L9780 Datasheet HTML 19Page - STMicroelectronics L9780 Datasheet HTML 20Page - STMicroelectronics L9780 Datasheet HTML 21Page - STMicroelectronics L9780 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Main functionalities
L9780
18/56
DocID026356 Rev 3
On all VCCS pins a short to battery diagnostic is always active: a short to battery condition
is detected if OUT or TG pins exceed VCCA voltage + 30 mV or if SNS pin exceed STBS3
threshold voltage (2.7 V typical value, possible range defined in ). The consequences of a
short to battery fault detection are specified in Section 5.1.
On SNS pin is also present a short to ground diagnostic circuitry, that is able to detect if SNS
pin is into the range SNS_NTH < SNS < SNS_PTH (SNS_NTH and SNS_PTH are voltage
thresholds specified in Table 13, their typical values are -200 mV and 200 mV). The
consequences of a sensor short to ground detection are specified in Section 5.3.
VCCS is designed to respect specification of minimum bandwidth (100 kHz) for different Rtot
values and is able to guarantee in all conditions a minimum phase margin of 60°. This is
possible thanks to the programmability of the VCCS internal compensation capacitances
(Cint). In SPI input frame, 6bit for capacitance configuration are present (VCCSCAP[5..0]);
these bits allow to drive the connection of internal compensation capacitances, that in this
way are selectable by the user. The higher is the value of capacitance selected and the
higher is the phase margin of the structure, but the lower is the consequent bandwidth; with
some simplifications the bandwidth of VCCS can be described with the following formula:
Ft = (Gm_in * Gm_outDC * Rtot)/ (2π * Cint)
where Gm_in * Gm_outDC is a constant parameter depending by on the structure used in
the design; Rtot is the external total resistance and Cint the internal selectable capacitance.
In the following table it is shown that a wide range of possible Rtot can be driven obtaining
the correct compromise between bandwidth and phase margin.
Table 6. Cint vs. possible Rtot to guarantee phase margin and bandwidth
Cint (pF)
Maximum Rtot [Ω] value to
guarantee a phase margin > 60°
Minimum Rtot [Ω] value to
guarantee a bandwidth > 100 kHz
1
6
4
2
13
9
3
19
13
4
26
17
5
33
22
6
40
27
7
46
31
8
53
35
9
60
40
10
66
44
11
72
48
12
79
53
13
85
57
14
91
61
15
98
65
16
104
69
17
111
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com