Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 40Page - STMicroelectronics L9780 Datasheet HTML 41Page - STMicroelectronics L9780 Datasheet HTML 42Page - STMicroelectronics L9780 Datasheet HTML 43Page - STMicroelectronics L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics L9780 Datasheet HTML 46Page - STMicroelectronics L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Electrical characteristics
L9780
44/56
DocID026356 Rev 3
Logic levels (SO pin)
Output low voltage
SO current = 1.6 mA
-
0.4
V
Output high voltage
VCCI = 4.9 V, SO current = -800 μA
VCCI – 0.8V
-
VCCI = 3.13 V, SO current = -100 μA
SO pin leakage current
Vin = VCCI or GNDA, tri state condition
-5
5
μA
Table 9. Supplies and control inputs (continued)
Parameter
Conditions
Min.
Max.
Unit
Table 10. INRC, RCT2 and integrator amplifiers, RCT1, INRC and band-gap switches, clean
currents
Parameter
Conditions
Min.
Max.
Unit
INRC amplifier
Bias point (voltage measured on
C1A/B pin)
INRC pin voltage = 450 mV
1.842
1.937
V
GAIN
INRCGAIN bit = 0
4.137
4.242
V/V
INRCGAIN bit = 1
2.079
2.121
V/V
Output offset voltage
-
-26
26
mV
Output voltage swing
Maximum output voltage,
C1 pin current = -500 μA
4.3
VCCA
V
Minimum output voltage,
C1 pin current = 500 μA
0
200
mV
INRC pull down current
INRCPD bit = 1
400
600
μA
RCT2 amplifier
GAIN
INRCGAIN = 0
4.137
4.242
V/V
Output offset voltage
-
-26
26
mV
Output voltage swing
Maximum output voltage,
output current = -500 μA
4.3
VCCA
V
Minimum output voltage,
output current = 500 μA
0
200
mV
RCT2 leakage current
Impedance test disabled
-1
1
μA
Integrator amplifier
Input offset voltage
-
-8
8
mV
Open loop gain
100
-
dB
Reference voltage (REF)
-
1.848
1.932
V
Input bias current (C2 pin)
-
-0.2
0.2
μA
Output voltage swing
C3 current = -500 μA, C2 voltage < 0.9 *
REF voltage
VCCA–0.3
VCCA
V
C3 current = 500 μA,
C2 voltage > 1.1 * REF voltage
0
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com