Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 20Page - STMicroelectronics L9780 Datasheet HTML 21Page - STMicroelectronics L9780 Datasheet HTML 22Page - STMicroelectronics L9780 Datasheet HTML 23Page - STMicroelectronics L9780 Datasheet HTML 24Page - STMicroelectronics L9780 Datasheet HTML 25Page - STMicroelectronics L9780 Datasheet HTML 26Page - STMicroelectronics L9780 Datasheet HTML 27Page - STMicroelectronics L9780 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Main functionalities
L9780
24/56
DocID026356 Rev 3
RCT2 voltage resolution depends on different contributions:
A/D error conversion (±2 counts);
scaling amplifier gain accuracy (±.5%);
scaling amplifier offset (±300 μV);
RCT2 amplifier gain accuracy (±1%);
RCT2 amplifier output offset (±21 mV);
VCCA voltage precision.
When the VCCS filtered control voltage FV is selected by the MUX, the nominal transfer
function from VCCS current (I_VCCS) to A/D output is:
count_VCCS
floor 512
Gsa
-I_VCCS
 Rtot

VCCA
-------------------------------------------------------------
1024
+


=
and the nominal transfer function is:
I_VCCS
count_VCCS
1024
------------------------------------
1
2
---


1
Gsa Rtot
----------------------------
VCCA

=
where:
Gsa is the scaling amplifier gain;
I_VCCS is the VCCS output current;
count_VCCS is the result of the A/D conversion of FV pin voltage;
Rtot is the VCCS external resistance as defined in Section 4.9.
I_VCCS current resolution depends on different contributions:
A/D error conversion (±2 counts);
scaling amplifier gain accuracy (±0.5% if Gsa=1, ±1% if Gsa = 1.5-2-3-4, ±2% if
Gsa=6-8-12);
scaling amplifier offset (±300 μV);
VCCS gain accuracy (±1.2%);
VCCS offset (±700 μV);
VCCA voltage precision;
Rtot precision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com